Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9546APWG4 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCA9546APWG4
Description  4-CHANNEL I2C AND SMBus SWITCH WITH RESET FUNCTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCA9546APWG4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCA9546APWG4 Datasheet HTML 8Page - Texas Instruments PCA9546APWG4 Datasheet HTML 9Page - Texas Instruments PCA9546APWG4 Datasheet HTML 10Page - Texas Instruments PCA9546APWG4 Datasheet HTML 11Page - Texas Instruments PCA9546APWG4 Datasheet HTML 12Page - Texas Instruments PCA9546APWG4 Datasheet HTML 13Page - Texas Instruments PCA9546APWG4 Datasheet HTML 14Page - Texas Instruments PCA9546APWG4 Datasheet HTML 15Page - Texas Instruments PCA9546APWG4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
SCL
SDA
LEDx
RESET
30%
50%
50%
LED OFF
ACK or Read Cycle
Start
tREC
tWL
trst
trst
PCA9546A
4-CHANNEL I2C AND SMBus SWITCH
WITH RESET FUNCTION
SCPS148E – OCTOBER 2005 – REVISED JANUARY 2008
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 11. Reset Timing
12
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Link(s): PCA9546A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com