Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UFS-CONTACT66-2-AF Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # UFS-CONTACT66-2-AF
Description  Crimp Type Socket (Double Row, Polarity Key)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

UFS-CONTACT66-2-AF Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  UFS-CONTACT66-2-AF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. UFS-CONTACT66-2-AF Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-21
Internal
Connectors
UFS-Contact 66 -
* - **
Part Number (Details)
Series No.
Packing Units:
1 = Bulk Pins (cut)
2 = On Reel
(5,000 pcs. per reel)
Type of Contact Plating:
BF = Base (Nickel 2.5 ~ 4.5µm)
Contact (Gold 0.3µm min.)
Crimp (Gold 0.05µm min.)
AF = Base (Nickel 2.5 ~ 4.5µm)
Contact (Gold 0.76µm min.)
Crimp (Gold 0.05µm min.)
UFS Hand Tool-66-5
Contact (Type 66)
Crimp Tool
Polarity Key for UFS
Applicable Cables
Material: Nylon 66,
colour blue
AWG Cable No.
24
26
28
Cross Section Area (mm2)
0.2
0.15
0.08
Cable Retaining Force (min.)
3.5kg
2.1kg
1.4kg
Series UFS
Crimp Contact, Polarity Key and Cover
3.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com