Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G66 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G66
Description  DUAL BILATERAL ANALOG SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G66 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G66 Datasheet HTML 4Page - Texas Instruments SN74LVC2G66 Datasheet HTML 5Page - Texas Instruments SN74LVC2G66 Datasheet HTML 6Page - Texas Instruments SN74LVC2G66 Datasheet HTML 7Page - Texas Instruments SN74LVC2G66 Datasheet HTML 8Page - Texas Instruments SN74LVC2G66 Datasheet HTML 9Page - Texas Instruments SN74LVC2G66 Datasheet HTML 10Page - Texas Instruments SN74LVC2G66 Datasheet HTML 11Page - Texas Instruments SN74LVC2G66 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
t
h
t
su
From Output
Under Test
C
(see Note A)
L
LOAD CIRCUIT
S1
V
LOAD
Open
GND
R
L
Data Input
Timing Input
0 V
0 V
0 V
t
W
Input
0 V
Input
Output
Waveform 1
S1 at V
(see Note B)
LOAD
Output
Waveform 2
S1 at GND
(see Note B)
V
OL
V
OH
0 V
≈0 V
Output
Output
TEST
S1
t
/t
PLH
PHL
Open
Output
Control
V
M
V
M
V
M
V
M
V
M
1.8 V
0.15 V
±
2.5 V
0.2 V
±
3.3 V
0.3 V
±
5 V
0.5 V
±
1 k
Ω
500
Ω
500
Ω
500
Ω
V
CC
R
L
2 × V
CC
2 × V
CC
2 × V
CC
2 × V
CC
V
LOAD
C
L
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V∆
V
CC
V
I
V
CC/2
V
CC/2
V
CC/2
V
M
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUTS
R
L
t /t
r
f
V
CC
V
CC
V
CC
V
LOAD
t
/t
PLZ
PZL
GND
t
/t
PHZ
PZH
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
NOTES: A. C includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators have the following characteristics: PRR
10 MHz, Z = 50
.
D. The outputs are measured one at a time, with one transition per measurement.
E. t
and t
are the same as t .
F. t
and t
are the same as t .
G. t
and t
are the same as t .
H. All parameters and waveforms are not applicable to all devices.
L
O
PLZ
PHZ
dis
PZL
PZH
en
PLH
PHL
pd
≤
Ω
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
V
I
V
I
V
I
V
M
V
M
V
/2
LOAD
t
PZL
t
PLZ
t
PHZ
t
PZH
V
– V
OH
∆
V
+ V
OL
∆
V
M
V
M
V
M
V
M
V
OL
V
OH
V
I
V
I
V
OH
V
OL
V
M
V
M
V
M
V
M
t
PLH
t
PHL
t
PLH
t
PHL
V
CC/2
SN74LVC2G66
DUAL BILATERAL ANALOG SWITCH
SCES325J – JULY 2001 – REVISED FEBRUARY 2007
Figure 5. Load Circuit and Voltage Waveforms
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com