Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS1001-7R Datasheet(PDF) 2 Page - Power-One

Part # LS1001-7R
Description  100 Watt AC-DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LS1001-7R Datasheet(HTML) 2 Page - Power-One

  LS1001-7R Datasheet HTML 1Page - Power-One LS1001-7R Datasheet HTML 2Page - Power-One LS1001-7R Datasheet HTML 3Page - Power-One LS1001-7R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.power-one.com
Edition 4/04.2001
Cassette Style
S Series
Input
Input voltage AC
wide input range
85...264 V AC
Input frequency
47...440 Hz
Input voltage DC
88...372 V DC
Inrush current limitation
by thermistor
Output
Efficiency
Ui nom, Io nom
up to 85 %
Output voltage setting accuracy
Ui nom, Io nom
±0.6% U
o nom
Output voltage switching noise
IEC/EN 61204, total
typ. 90 mVpp
Line regulation
Ui min...Ui max, Io nom
typ.
±0.3% U
o nom
Load regulation
Ui nom, 10...100% Io nom, symmetrical output load
typ. 0.5%
Uo nom
Minimum load
not required
0 A
Current limitation
rectangular U/I characteristic
typ. 110 %
Io nom
Operation in parallel
by current limitation
Hold-up time
Ui nom, Io nom
80 ms
Control and protection
Input fuse
not user accessible
4 AT
Input undervoltage lockout
typ. 90 %
Ui min
Input overvoltage lockout
typ. 109 %
Ui max
Input transient protection
varistor
Output
no-load, overload and short circuit proof
Output overvoltage
suppressor diode in each output
typ. 130%
Uo nom
Overtemperature
switch-off with auto restart
TC typ. 100
°C
Output voltage adjustment
0...110%
Uo nom
Inhibit
TTL input, output(s) disabled if open circuit
Status indication
LEDs: OK, inhibit, overload
Safety
Approvals
EN 60950, UL 1950, CSA 22.2 No. 950
Class of equipment
class I
Protection degree
IP 30
Electric strength test voltage
I/case
2 kV AC
I/O
4 kV AC
O/case
1 kV AC
O/O
0.1 kV AC
EMC
Electrostatic discharge
IEC/EN 61000-4-2, level 4 (8/15 kV)
criterion A
Electromagnetic field
IEC/EN 61000-4-3, level x (20 V/m)
criterion A
Electr. fast transients/bursts
IEC/EN 61000-4-4, level 4 (2/4 kV)
criterion A
Surge
IEC/EN 61000-4-5, level 3 (2 kV)
criterion A
Conducted disturbances
IEC/EN 61000-4-6, level 3 (10 V)
criterion A
Electromagnetic emissions
CISPR 22/EN 55022
class B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com