| Electronic Components Datasheet Search |
|
TL072BCD Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072BCD Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 40 page ![]() electrical characteristics, VCC± = ±15 V (unless otherwise noted) TL071C TL071AC TL071BC TL071I PARAMETER TEST CONDITIONS† T ‡ TL071C TL072C TL071AC TL072AC TL071BC TL072BC TL071I TL072I UNIT PARAMETER TEST CONDITIONS† TA‡ TL072C TL074C TL072AC TL074AC TL072BC TL074BC TL072I TL074I UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX V Input offset voltage V 0 R 50 Ω 25 °C 3 10 3 6 2 3 3 6 mV VIO Input offset voltage VO = 0, RS = 50 Ω Full range 13 7.5 5 8 mV α V IO Temperature coefficient of input offset voltage VO = 0, RS = 50 Ω Full range 18 18 18 18 μV/°C I Input offset current V 0 25 °C 5 100 5 100 5 100 5 100 pA IIO Input offset current VO = 0 Full range 10 2 2 2 nA I Input bias current§ V 0 25 °C 65 200 65 200 65 200 65 200 pA IIB Input bias current§ VO = 0 Full range 7 7 7 20 nA Common mode −12 −12 −12 −12 VICR Common-mode input voltage range 25 °C ±11 −12 to ±11 −12 to ±11 −12 to ±11 −12 to V VICR input voltage range 25 C ±11 to 15 ±11 to 15 ±11 to 15 ±11 to 15 V Maximum peak RL = 10 kΩ 25 °C ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 VOM Maximum peak output voltage RL ≥ 10 kΩ Full range ±12 ±12 ±12 ±12 V VOM output voltage swing RL ≥ 2 kΩ Full range ±10 ±10 ±10 ±10 A Large-signal differential voltage V ±10 V R ≥ 2kΩ 25 °C 25 200 50 200 50 200 50 200 V/mV AVD differential voltage amplification VO = ±10 V, RL ≥ 2 kΩ Full range 15 25 25 25 V/mV B1 Unity-gain bandwidth 25 °C 3 3 3 3 MHz ri Input resistance 25 °C 1012 1012 1012 1012 Ω CMRR Common-mode VIC = VICRmin, 25 °C 70 100 75 100 75 100 75 100 dB CMRR Common mode rejection ratio VO = 0, RS = 50 Ω 25 °C 70 100 75 100 75 100 75 100 dB kSVR Supply-voltage rejection ratio VCC = ± 9 V to ±15 V, 25 °C 70 100 80 100 80 100 80 100 dB kSVR rejection ratio ( ΔVCC±/ΔVIO) VO = 0, RS = 50 Ω 25 °C 70 100 80 100 80 100 80 100 dB I Supply current V 0 No load 25 °C 14 25 14 25 14 25 14 25 mA ICC Supply current (each amplifier) VO = 0, No load 25 °C 1.4 2.5 1.4 2.5 1.4 2.5 1.4 2.5 mA VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 120 120 dB † All characteristics are measured under open-loop conditions with zero common-mode voltage, unless otherwise specified. ‡ Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = −40°C to 85°C for TL07_I. § Input bias currents of an FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive, as shown in Figure 4. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as possible. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |