Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LMV324
Description  Low cost,low power,input/output rail-to-rail operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV324 Datasheet(HTML) 1 Page - STMicroelectronics

  LMV324 Datasheet HTML 1Page - STMicroelectronics LMV324 Datasheet HTML 2Page - STMicroelectronics LMV324 Datasheet HTML 3Page - STMicroelectronics LMV324 Datasheet HTML 4Page - STMicroelectronics LMV324 Datasheet HTML 5Page - STMicroelectronics LMV324 Datasheet HTML 6Page - STMicroelectronics LMV324 Datasheet HTML 7Page - STMicroelectronics LMV324 Datasheet HTML 8Page - STMicroelectronics LMV324 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2010
Doc ID 11887 Rev 4
1/16
16
LMV321, LMV358, LMV324
Low cost, low power, input/output rail-to-rail
operational amplifiers
Features
■ Operating range from VCC = 2.7 V to 6 V
■ Rail-to-rail input and output
■ Extended Vicm (VDD - 0.2 V to VCC + 0.2 V)
■ Low supply current (145 µA)
■ Gain bandwidth product (1 MHz)
■ ESD tolerance (2 kV)
■ Latch-up immunity
■ Available in SOT23-5 micropackage
Applications
■ Two-cell battery powered systems
■ Battery powered electronic equipment
■ Cordless phones
■ Personal medical care (glucose meters)
■ Laptops
■ PDAs
Description
The LMV321/358/324 family (single, dual and
quad) answers the need for low-cost, general-
purpose operational amplifiers. They operate with
voltages as low as 2.7 V and feature both input
and output rail-to-rail, 145 µA consumption
current and 1 MHz gain bandwidth product
(GBP).
With such a low consumption and a sufficient
GBP for many applications, these op-amps are
very well-suited for any kind of battery supplied
and portable equipment application.
The LMV321 is housed in the space-saving 5-pin
SOT23-5 package, which simplifies board design
(overall dimensions are 2.8 mm x 2.9 mm). The
SOT23-5 has two pinning configurations to
answer all application requirements.
LMV321ILT
(SOT23-5)
LMV358ID/IDT-LMV358IPT
(SO-8, TSSOP-8)
LMV324ID/IDT-LMV324IPT
(SO-14, TSSOP-14)
LMV321RILT
(SOT23-5)
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
+
_
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
+
_
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
www.st.com


Similar Part No. - LMV324

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LMV324 FAIRCHILD-LMV324 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV324 TI-LMV324 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV324 TI-LMV324 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV324 STMICROELECTRONICS-LMV324 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV324 STMICROELECTRONICS-LMV324 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
1/06-Rev. A to Rev. B
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
logo
Analog Devices
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com