Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321RIYLT Datasheet(PDF) 2 Page - STMicroelectronics

Part # LMV321RIYLT
Description  Low cost,low power,input/output rail-to-rail operational amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LMV321RIYLT Datasheet(HTML) 2 Page - STMicroelectronics

  LMV321RIYLT Datasheet HTML 1Page - STMicroelectronics LMV321RIYLT Datasheet HTML 2Page - STMicroelectronics LMV321RIYLT Datasheet HTML 3Page - STMicroelectronics LMV321RIYLT Datasheet HTML 4Page - STMicroelectronics LMV321RIYLT Datasheet HTML 5Page - STMicroelectronics LMV321RIYLT Datasheet HTML 6Page - STMicroelectronics LMV321RIYLT Datasheet HTML 7Page - STMicroelectronics LMV321RIYLT Datasheet HTML 8Page - STMicroelectronics LMV321RIYLT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute maximum ratings and operating conditions
LMV321, LMV358, LMV324
2/16
Doc ID 11887 Rev 4
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
All voltage values, except differential voltage are with respect to network terminal.
7V
Vid
Differential input voltage(2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal. If
Vid > ±1 V, the maximum input current must not exceed ±1 mA. In this case (Vid > ±1 V), an input series
resistor must be added to limit input current.
±1
V
Vin
Input voltage
VDD-0.3 to VCC+0.3
V
Toper
Operating free air temperature range
-40 to + 125
°C
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction to ambient (3)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
3.
Short-circuits can cause excessive heating. Destructive dissipation can result from simultaneous short-
circuits on all amplifiers. All values are typical.
250
125
103
120
100
°C/W
Rthjc
Thermal resistance junction to case(3)
SOT23-5
SO-8
SO-14
TSSOP8
TSSOP14
81
40
31
37
32
°C/W
ESD
HBM: human body model(4)
4.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
2kV
MM: machine model(5)
5.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
200
V
CDM: charged device model (6)
6.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
No value specified for CDM on SOT23-5L package. The value is given for SO and TSSOP packages.
1.5
kV
Lead temperature (soldering, 10sec)
250
°C
Output short-circuit duration
see note(7)
7.
Short-circuits from the output to VCC can cause excessive heating. The maximum output current is
approximately 48 mA, independent of the magnitude of VCC. Destructive dissipation can result from
simultaneous short-circuits on all amplifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com