Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPB80 Datasheet(PDF) 4 Page - Power-One

Part # MPB80
Description  Power Factor Correction (PFC) Meets EN61000-3-2
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB80 Datasheet(HTML) 4 Page - Power-One

  MPB80 Datasheet HTML 1Page - Power-One MPB80 Datasheet HTML 2Page - Power-One MPB80 Datasheet HTML 3Page - Power-One MPB80 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
MPB80 SERIES
OVERALL SIZE: 5.00" x 3.00" x 1.40" (127.0mm x 76.2mm x 35.6mm)
COMPONENT HEIGHT: 1.26" (32.0mm)
WEIGHT: 0.8 LBS (0.36 kg)
INPUT CONNECTIONS, J1:
MOLEX 26-60-4030 OR EQUIVALENT HEADER MATES WITH MOLEX HOUSING 09-50-3031 OR
EQUIVALENT AND PINS 08-50-0106 (18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT.
OUTPUT CONNECTIONS
SIX CONNECTOR J2:
MOLEX 26-60-4060 HEADER MATES WITH MOLEX 09-50-3061 OR EQUIVALENT AND PINS 08-50-0106
(18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT.
SEVEN CONNECTOR J2:
MOLEX 26-60-4070 HEADER MATES WITH MOLEX 09-50-3071 OR EQUIVALENT AND PINS 08-50-0106
(18-20 AWG) OR 08-50-0108 (22-26 AWG) OR EQUIVALENT.
CHASSIS:
0.090" (2.3mm) ALUMINUM ALLOY, WITH CLEAR FINISH.
J1
J2
Input
2.550"
(64.8mm)
J3: 0.250 FASTON
SAFETY EARTH GROUND
L
N
4.550"
(115 .6mm)
3.00"
(76.2mm)
0.225"
(5.7mm)
0.156" DIA THRU
(3.96mm)
4 PLACES
0.225"
(5.7mm)
Output
PIN 1
5.00"
(127.0mm)
PIN 1
2
3
4
5
6
7
PIN 1
2
3
4
5
6
PIN 1
2
3
4
5
6
7
V1
V1
V1
RTN
RTN
RTN
V2
V2
V1
V1
RTN
RTN
V3
V2
RTN
RTN
RTN
V1
V1
V3
J2
MPB80-2000
MPB80-3000
MPB80-3300
MPB80-10XX
PIN 1
2
3
4
5
6
7
V1
V1
V1
RTN
RTN
RTN
NC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com