Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC126ADBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVC126ADBLE
Description  QUADRPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC126ADBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC126ADBLE Datasheet HTML 1Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 2Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 3Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 4Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 5Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 6Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 7Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 8Page - Texas Instruments SN74LVC126ADBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
D, DB, DGV, NS, OR PW PACKAGE
(TOP VIEW)
RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
4OE
4A
4Y
3OE
3A
1A
1Y
2OE
2A
2Y
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
SN74LVC126A
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS339Q – MARCH 1994 – REVISED JULY 2005
•
Operates From 1.65 V to 3.6 V
•
Specified From –40
°C to 85°C and
From –40
°C to 125°C
•
Inputs Accept Voltages to 5.5 V
•
Max tpd of 4.7 ns at 3.3 V
•
Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
•
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
•
Latch-Up Performance Exceeds 250 mA Per
JESD 17
•
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
This quadruple bus buffer gate is designed for 1.65-V
to 3.6-V VCC operation.
The SN74LVC126A features independent line drivers
with 3-state outputs. Each output is disabled when
the associated output-enable (OE) input is low.
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the driver.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC126ARGYR
LC126A
Tube of 50
SN74LVC126AD
SOIC – D
Reel of 2500
SN74LVC126ADR
LVC126A
Reel of 250
SN74LVC126ADT
SOP – NS
Reel of 2000
SN74LVC126ANSR
LVC126A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC126ADBR
LC126A
Tube of 90
SN74LVC126APW
TSSOP – PW
Reel of 2000
SN74LVC126APWR
LC126A
Reel of 250
SN74LVC126APWT
TVSOP – DGV
Reel of 2000
SN74LVC126ADGVR
LC126A
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1994–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC126ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC126ADBLE TI-SN74LVC126ADBLE Datasheet
361Kb / 14P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC126ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC1G126 TI-SN74LVC1G126 Datasheet
119Kb / 8P
SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AUC2G126 TI-SN74AUC2G126 Datasheet
261Kb / 12P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A TI-SN74LVC125A_10 Datasheet
614Kb / 17P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74HC125-Q1 TI1-SN74HC125-Q1 Datasheet
185Kb / 10P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125-EP TI1-SN74AHC125-EP Datasheet
437Kb / 9P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AHC125-Q1 TI1-SN74AHC125-Q1 Datasheet
252Kb / 11P
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC2G126-EP TI1-SN74LVC2G126-EP Datasheet
767Kb / 13P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G125 UTC-U74LVC2G125_15 Datasheet
199Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AHC2G126 TI1-SN74AHC2G126 Datasheet
86Kb / 6P
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com