Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G00DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G00DBVT
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G00DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G00DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1G00DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
A
2
B
3
4
GND
Y
DRL PACKAGE
(TOP VIEW)
2
B
V
CC
5
1
A
3
4
GND
GND
Y
DCK PACKAGE
(TOP VIEW)
2
B
3
4
GND
V
CC
5
A
Y
1
YZP PACKAGE
(BOTTOM VIEW)
2
B
V
CC
1 5
A
GND
4
3
Y
SN74LVC1G00
www.ti.com
SCES212V – APRIL 1999 – REVISED FEBRUARY 2010
SINGLE 2-INPUT POSITIVE-NAND GATE
Check for Samples: SN74LVC1G00
1
FEATURES
•
Available in the Texas Instruments NanoStar™
•
Ioff Supports Partial-Power-Down Mode
Package
Operation
•
Supports 5-V VCC Operation
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Inputs Accept Voltages to 5.5 V
•
ESD Protection Exceeds JESD 22
•
Max tpd of 3.8 ns at 3.3 V
–
2000-V Human-Body Model (A114-A)
•
Low Power Consumption, 10-mA Max ICC
–
1000-V Charged-Device Model (C101)
•
±24-mA Output Drive at 3.3 V
DESCRIPTION/ORDERING INFORMATION
This single 2-input positive-NAND gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1G00 performs the Boolean function Y = A
● B or Y = A + B in positive logic.
NanoStar™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoStar™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74LVC1G00YZPR
_ _ _ CA_
(Pb-free)
Reel of 3000
SN74LVC1G00DBVR
SOT (SOT-23) – DBV
C00_
–40°C to 85°C
Reel of 250
SN74LVC1G00DBVT
Reel of 3000
SN74LVC1G00DCKR
SOT (SC-70) – DCK
Reel of 250
SN74LVC1G00DCKT
CA_
SOT (SOT-553) – DRL
Reel of 4000
SN74LVC1G00DRLR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
● = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G00DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00DBVT TI-SN74LVC1G00DBVT Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVT TI-SN74LVC1G00DBVT Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVT TI1-SN74LVC1G00DBVT Datasheet
1Mb / 36P
SN74LVC1G00_16
SN74LVC1G00DBVT TI2-SN74LVC1G00DBVT Datasheet
2Mb / 44P
SN74LVC1G00 Single 2-Input Positive-NAND Gate
REVISED APRIL 2014
SN74LVC1G00DBVT.B TI2-SN74LVC1G00DBVT.B Datasheet
2Mb / 44P
SN74LVC1G00 Single 2-Input Positive-NAND Gate
REVISED APRIL 2014
More results

Similar Description - SN74LVC1G00DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 1
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
SINGLE 2 INPUT POSITIVE NAND GATE
Rev 2
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
Single 2-Input Positive-NAND Gate
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com