Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC374APWT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC374APWT
Description  OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC374APWT Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC374APWT Datasheet HTML 1Page - Texas Instruments SN74LVC374APWT Datasheet HTML 2Page - Texas Instruments SN74LVC374APWT Datasheet HTML 3Page - Texas Instruments SN74LVC374APWT Datasheet HTML 4Page - Texas Instruments SN74LVC374APWT Datasheet HTML 5Page - Texas Instruments SN74LVC374APWT Datasheet HTML 6Page - Texas Instruments SN74LVC374APWT Datasheet HTML 7Page - Texas Instruments SN74LVC374APWT Datasheet HTML 8Page - Texas Instruments SN74LVC374APWT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
OE
To Seven Other Channels
1
11
3
2
CLK
1D
C1
1D
1Q
SN54LVC374A, SN74LVC374A
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCAS296N – JANUARY 1993 – REVISED MAY 2005
These devices are fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Tube of 20
SN74LVC374AN
SN74LVC374AN
QFN – RGY
Reel of 1000
SN74LVC374ARGYR
LC374A
Tube of 25
SN74LVC374ADW
SOIC – DW
LVC374A
Reel of 2000
SN74LVC374ADWR
SOP – NS
Reel of 2000
SN74LVC374ANSR
LVC374A
–40°C to 85°C
SSOP – DB
Reel of 2000
SN74LVC374ADBR
LC374A
Tube of 70
SN74LVC374APW
TSSOP – PW
Reel of 2000
SN74LVC374APWR
LC374A
Reel of 250
SN74LVC374APWT
TVSOP – DGV
Reel of 2000
SN74LVC374ADGVR
LC374A
CDIP – J
Tube of 20
SNJ54LVC374AJ
SNJ54LVC374AJ
–55°C to 125°C
CFP – W
Tube of 85
SNJ54LVC374AW
SNJ54LVC374AW
LCCC – FK
Tube of 55
SNJ54LVC374AFK
SNJ54LVC374AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE (EACH FLIP-FLOP)
INPUTS
OUTPUT
Q
OE
CLK
D
L
↑
H
H
L
↑
L
L
L
H or L
X
Q0
H
X
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com