Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP305 Datasheet(PDF) 2 Page - Power-One

Part # SIP305
Description  NON-ISOLATED, 20 WATT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SIP305 Datasheet(HTML) 2 Page - Power-One

  SIP305 Datasheet HTML 1Page - Power-One SIP305 Datasheet HTML 2Page - Power-One SIP305 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
MODEL
INPUT VOLTAGE
INPUT VOLTAGE
MAXIMUM INPUT
OUTPUT
RATED OUTPUT
TYPICAL
(VOLTS)
RANGE (VOLTS)
CURRENT (AMPS)*
VOLTAGE (VOLTS)
CURRENT (AMPS)
EFFICIENCY**
SIP305
3.3
3.0 - 4.0
8
5.0
4.0
90%
NOTES:
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
For right-angle pins, add suffix "R" to model number.
SIP305 SERIES - NON-ISOLATED, 20 WATT
MODELS - (See the last page of section for options.)
MECHANICAL DRAWING
(0.6mm)
0.025" SQ.
(6.4mm)
(2.8mm)
(14.0mm)
(63.5mm)
(48.3mm)
(2.5mm)
(7.1mm)
9
3
0.11"
0.25"
6 7 8
10 11
1 2
45
0.55"
0.13" (3.3mm)
0.100" TYP.
0.28"
2.50"
1.900"
Natural Convection 24.4 °C/W
100 LFM
18.3 °C/W
200 LFM
15.0 °C/W
300 LFM
11.1 °C/W
400 LFM
7.9 °C/W
Tolerances
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless
otherwise specified.)
Thermal Impedance
Note:
Thermal impedance data is
dependent on many environmen-
tal factors. The exact thermal
performance should be validated
for specific application.
1+Vout
2+Vout
3+Vout
4-Vout
5-Vout
6-Vin
7-Vin
8+Vin
9+Vin
10
+Vin
11
+Vin
Pin
Function
(0.6mm)
0.025" SQ.
(2.3mm)
(6.9mm)
(3.3mm)
(14.0mm)
(63.5mm)
(48.3mm)
(7.1mm)
(2.5mm)
11
10
5
0.09"
0.27"
9
3
0.13"
6 78
1 2
4
0.55"
0.100" TYP.
0.28"
2.50"
1.900"



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com