Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL2105PIS Datasheet(PDF) 2 Page - Power-One

Part # TL2105PIS
Description  SIP/SIE 500 NON-ISOLATED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

TL2105PIS Datasheet(HTML) 2 Page - Power-One

  TL2105PIS Datasheet HTML 1Page - Power-One TL2105PIS Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Powering Communications and Technology
2
SIP/SIE 500
NON-ISOLATED SERIES
0.25
(6.40)
0.11
(2.80)
0.025
(0.64)
SQ.
0.09
(2.30)
0.13
(3.30)
0.27
(6.90)
0.55
(14.0)
12 3 4 5
6 78 9 10 11
0.100
(2.54)
TYP.
0.28
(7.10)
1.90
(48.26)
2.50
(63.5)
Right Angle Pins
0.55
(14.0)
1.90
(48.26)
2.50
(63.5)
0.28
(7.10)
0.100
(2.54)
TYP.
0.13 (3.30)
0.025
(0.64)
SQ.
12 3 4 5
6 7 8 9 10 11
Natural Convection
24.4 °C/W
100 LFM
18.3 °C/W
200 LFM
15.0 °C/W
300 LFM
11.1 °C/W
400 LFM
7.9 °C/W
Note:
Thermal impedance data is
dependent on many environmental
factors. The exact thermal
performance should be validated
for specific application.
12 3 4 5
67 8 910 11
2.50
(63.5)
1.90
(48.26)
0.13(3.30)
0.55
(14.0)
0.10
(2.54)
TYP.
0.025
(0.64)
SQ.
0.28
(7.10)
0.55
(14.0)
1.90
(48.26)
2.50
(63.5)
0.10
(2.54)
TYP.
0.28
(7.10)
12 3 4 5
67 89 10 11
0.025
(0.64)
SQ.
0.09
(2.30)
0.13
(3.30)
0.27
(6.90)
0.25
(6.40)
0.11
(2.80)
Right Angle Pins
MECHANICAL DRAWING
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless
otherwise specified.)
MODELS - (See the last page of Section for options.)
1+Vout
2+Vout
3
Sense (SIE)
4+Vout
5
Ground
6
Ground
7+Vin
8+Vin
9
PWR OK (SIE)
10
Trim
11
Enable
t
r
a
h
C
n
o
i
t
c
e
l
e
S
l
e
d
o
M
n
i
V
)
s
t
l
o
V
(
e
g
n
a
R
n
i
V
)
s
t
l
o
V
(
*
.
x
a
M
n
iI
)
s
p
m
A
(
t
u
o
V
)
s
t
l
o
V
(
d
e
t
a
R
t
u
o
I
)
s
p
m
A
(
y
c
n
e
i
c
i
f
f
E
*
*
.
p
y
T
T
L
2
.
1
0
5
P
I
S
T
L
5
.
1
0
5
P
I
S
T
L
8
.
1
0
5
P
I
S
T
L
1
.
2
0
5
P
I
S
T
L
5
.
2
0
5
P
I
S
T
L
3
.
3
0
5
P
I
S
T
L
2
.
1
0
5
E
I
S
T
L
5
.
1
0
5
E
I
S
T
L
8
.
1
0
5
E
I
S
T
L
1
.
2
0
5
E
I
S
T
L
5
.
2
0
5
E
I
S
T
L
3
.
3
0
5
E
I
S
5
5
5
5
5
5
5
5
5
5
5
5
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
5
.
5
-
5
.
4
3
.
2
7
.
2
1
.
3
5
.
3
0
.
4
1
.
5
3
.
2
7
.
2
1
.
3
5
.
3
0
.
4
1
.
5
2
.
1
5
.
1
8
.
1
1
.
2
5
.
2
3
.
3
2
.
1
5
.
1
8
.
1
1
.
2
5
.
2
3
.
3
6
6
6
6
6
6
6
6
6
6
6
6
%
0
7
%
5
7
%
7
7
%
1
8
%
3
8
%
7
8
%
0
7
%
5
7
%
7
7
%
1
8
%
3
8
%
7
8
.r
e
w
o
p
t
u
p
t
u
o
d
e
t
a
r
m
u
m
i
x
a
m
,
e
g
a
tl
o
v
t
u
p
n
i
m
u
m
i
n
i
m
t
a
t
n
e
r
r
u
c
t
u
p
n
i
m
u
m
i
x
a
M
*
.t
u
p
t
u
o
d
e
t
a
r
,
n
i
V
l
a
n
i
m
o
n
t
A
*
*
.r
e
b
m
u
n
l
e
d
o
m
o
t
"
R
"
x
if
f
u
s
d
d
A
,
s
n
i
P
e
l
g
n
A
t
h
g
i
R
r
o
F
:
E
T
O
N
SIE MODEL
SIP MODEL
Tolerances
Thermal Impedance
Pin
Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com