Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP501.2LT Datasheet(PDF) 1 Page - Power-One

Part # SIP501.2LT
Description  SIP/SIE 500 NON-ISOLATED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

SIP501.2LT Datasheet(HTML) 1 Page - Power-One

  SIP501.2LT Datasheet HTML 1Page - Power-One SIP501.2LT Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Rev. April 5, 2001
Powering Communications and Technology
SIP502.5
76
78
80
82
84
86
88
90
10
20
30
40
50
60
70
80
90
100
LOAD %
EFF. (4.5v)
EFF. (5v)
EFF. (5.5v)
SIP/SIE 500
NON-ISOLATED SERIES
SIP/SIE non-isolated step-down DC/DC converters
deliver high efficiency and excellent transient response in
an industry standard SIP package. The SIP/SIE series
has output voltages ranging from 1.2 to 3.3V and up to 6
amps of output current. The SIE model has power OK
and remote sense pins for added flexibility and improved
point of load regulation. The SIP/SIE series is available
for vertical or horizontal mounting. The SIP/SIE series
use 100% surface-mount construction for maximum
reliability and feature over seven million hours MTBF.
• Non-Isolated
• High Efficiency
Topology
• Excellent Transient
Response
• Sense and Power OK
(SIE Model Only)
DESCRIPTION
FEATURES
• Surface-Mount
Construction
• Voltage Trim
• Vertical or Horizontal
Mounting
• Water Washable
Remote Shutdown
Negative Logic
Switching Frequency
350 KHz
Temperature Coefficient
0.03% /°C
Ambient Operating Temperature
0 to +55°C
Minimum Required Airflow
200 LFM
Storage Range
-25 to +120°C
Humidity Max., Non-Condensing
95%
Vibration, 3 Axes, 5 Min Each
5 g, 10 - 55 Hz
MTBF† (Bellcore TR-NWT-000332)
7.1 x 106 hrs
Safety
UL, cUL, TUV
Weight (approx.)
0.25 oz
Efficiency vs. Load
Setpoint Accuracy
±1%
Line Regulation Vin Min. - Vin Max., Iout Rated
1% Vout
Load Regulation Iout Min.- Iout Max., Vin Nom.
1% Vout
Ripple and Noise, DC - 20 MHz
50 mV Pk-Pk
Remote Sense Headroom
0.25 V
Current Limit Protection Type
Hiccup
Current Limit Threshold Range, % of Iout Rated
150%
Short Circuit Protection Type
Latching
Power Good Signal (SIE model only);
Asserts “High” When Vout is Between the Following Thresholds:
Lower Sense Threshold, % Vsetpoint
-16% to -10%
Upper Sense Threshold, % Vsetpoint
+10% to +16%
Power Good Signal Reference
Common Ground
Vout Ramp Up Rate, Minimum
0.5V/ms
Notes
† MTBF predictions may vary slightly from model to model.
Specifications typically at 25°C, normal line, and full load, unless
otherwise stated.
Soldering Conditions: I/O pins, 260°C, ten seconds; fully
compatible with commercial wave-soldering equipment.
Safety: Agency approvals may vary from model to model. Please
consult factory for specific model information.
Units are water-washable and fully compatible with commercial
spray or immersion post wave-solder washing equipment.
TECHNICAL SPECIFICATIONS
Voltage Range
5 VDC Nominal
4.5 - 5.5 VDC
Input
Output
General


Similar Part No. - SIP501.2LT

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
SIP5 LSI-SIP5 Datasheet
37Kb / 2P
LSI Assembly
logo
Rhombus Industries Inc.
SIP5 RHOMBUS-IND-SIP5 Datasheet
34Kb / 1P
SIP5 Series 10-Tap High Performance Passive Delays
SIP5-1001 RHOMBUS-IND-SIP5-1001 Datasheet
34Kb / 1P
SIP5 Series 10-Tap High Performance Passive Delays
SIP5-1002 RHOMBUS-IND-SIP5-1002 Datasheet
34Kb / 1P
SIP5 Series 10-Tap High Performance Passive Delays
SIP5-1005 RHOMBUS-IND-SIP5-1005 Datasheet
34Kb / 1P
SIP5 Series 10-Tap High Performance Passive Delays
More results

Similar Description - SIP501.2LT

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SXT10A-3-5SA BOURNS-SXT10A-3-5SA Datasheet
1Mb / 13P
SIP Non-Isolated Power Module
SXT16A-3-5SA BOURNS-SXT16A-3-5SA Datasheet
1Mb / 13P
SIP Non-Isolated Power Module
SXT6A-12SA BOURNS-SXT6A-12SA Datasheet
939Kb / 13P
SIP Non-Isolated Power Module
logo
Tyco Electronics
AXH005A0X MACOM-AXH005A0X Datasheet
207Kb / 2P
Austin MicroLynx Non-Isolated SIP series
logo
Bourns Electronic Solut...
SX16A-12SA BOURNS-SX16A-12SA Datasheet
280Kb / 3P
SIP Non-Isolated Power Module
SXT6A-3-5SA BOURNS-SXT6A-3-5SA Datasheet
239Kb / 2P
SIP Non-Isolated Power Module
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
Non-Isolated 10A SIP DC/DC Converters
logo
Lineage Power Corporati...
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
NaOSTM NXA025 SIP Non-isolated Power Modules
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com