Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8AS Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8AS
Description  Smart Power Supply
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8AS Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8AS Datasheet HTML 5Page - Omron Electronics LLC S8AS Datasheet HTML 6Page - Omron Electronics LLC S8AS Datasheet HTML 7Page - Omron Electronics LLC S8AS Datasheet HTML 8Page - Omron Electronics LLC S8AS Datasheet HTML 9Page - Omron Electronics LLC S8AS Datasheet HTML 10Page - Omron Electronics LLC S8AS Datasheet HTML 11Page - Omron Electronics LLC S8AS Datasheet HTML 12Page - Omron Electronics LLC S8AS Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9
S8AS
Functions
Functions
Tripping Functions
Note: Three abnormal current tripping types with different tripping current characteristics are supported: standard detection, instantaneous
detection, and extended detection. Select the required tripping type.
*1. Outputs are cut off using semiconductor relays and electrical insulation is not provided.
*2. With the default settings, the alarm display and alarm output can be cleared using one of the following methods.
• Clear using the reset operation.
• Clear by turning the supply power OFF and ON again.
*3. The voltage detection is performed on the voltage after AC/DC conversion in the internal circuits. The displayed voltage will be somewhat
different from the value at the output terminals of the power source due to internal voltage drop. To confirm correct output voltages, measure
the voltages at the branch output terminals.
Alarm
Alarm output
Output status
Alarm display
Abnormal voltage tripping
TRP output: OFF (normally ON)
All branch outputs cut off.
A10
Abnormal current tripping
TRP output: OFF (normally ON)
Relevant branch output cut off.
A11
Abnormal total current tripping (240-W models only)
TRP output: OFF (normally ON)
All branch outputs cut off.
A12
Undervoltage detection
LOW output: OFF (normally ON)
ON
A21
Maintenance forecast monitor
LFE output: OFF (normally ON)
ON
A23
Overheating alarm
LFE output: OFF (normally ON)
ON
A23/HOT
Over-temperature
TMP output: OFF (normally ON)
ON
A30
Function
Operation
Abnormal
voltage tripping
Refer to Chart 1.
*1, *2, *3
The output voltage is monitored and all branch outputs are cut off if the detection voltage is reached. Notification of the status
is provided using the alarm display and the tripping alarm output (TRP).
The alarm display will alternate between the voltage and the alarm code (A10).
Detection voltage: 28.8 V (fixed)
Abnormal
current tripping
Refer to Chart 2.
*1, *2
The output current is monitored and the branch output that is abnormal is cut off if the preset current is reached.
Notification of the status is provided using the alarm display and the tripping alarm output (TRP).
The alarm display will alternate between the current and the alarm code (A11).
Setting range: 0.5 to 3.8 A (in 0.1-A increments). The S8AS-24006N and S8AS-48008N are set to 3.8 A. (Cannot be changed.)
One of the following three abnormal current tripping types can be set. With the S8AS-24006N/48008N, only the standard
detection is supported.
Standard Detection: Tripping within 100 ms. (Abnormal current will be detected and the output will be cut off within 20 ms if
current continuously exceeds the set value for more than 80 ms.)
Instantaneous Detection: Tripping within 20 ms. (Abnormal current will be detected and the output will be cut off within 10 ms
if current continuously exceeds the set value for more than 10 ms.)
Extended Detection: Tripping within 1,000 ms. (Abnormal current will be detected and the output will be cut off within 20 ms
if current continuously exceeds the set value for more than 980 ms.)
Abnormal total
current tripping
*1, *2
Using the abnormal total current tripping function, the S8AS monitors the total output current and when the total output current
exceeds the set value, all branch outputs are cut off. Notification of the status is provided using the alarm display and the
tripping alarm output (TRP). The error code A12 will be shown on the display. There are a number of conditions for the tripping
current and time. If even one of these conditions is detected, the abnormal total current tripping function will be activated.
240 W: Branch outputs are cut off when the total output current is more than 17 A for 2 s, 15 A for 5 s, 13 A for 10 s, or 12 A
for 20 s.
480 W: Branch outputs are cut off when the total output current is more than 27 A for 1 s, 25 A for 2 s, or 22.5 A for 5 s.
External tripping
input
*1
The output can be cut off by inputting a voltage to the external tripping input (TRG terminal). If a shutdown sequence has been
set, outputs will be cut off according to the shutdown sequence.
Each branch output can be enabled or disabled individually. On the S8AS-24006N/S8AS-48008N, all branch outputs are
enabled. (Cannot be changed.)
External input signal width: 10 ms min.
Input signal levels
High level: 19.2 to 30 VDC
Low level: 0 to 2.5 VDC
Tripping can also be performed by using communications (S8AS-24006R/S8AS-48008R only).
Refer to the S8AS User's Manual (Cat. No. Z269) for information on tripping using communications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com