Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MKS2PI Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MKS2PI
Description  General-purpose Relays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MKS2PI Datasheet(HTML) 2 Page - Omron Electronics LLC

  MKS2PI Datasheet HTML 1Page - Omron Electronics LLC MKS2PI Datasheet HTML 2Page - Omron Electronics LLC MKS2PI Datasheet HTML 3Page - Omron Electronics LLC MKS2PI Datasheet HTML 4Page - Omron Electronics LLC MKS2PI Datasheet HTML 5Page - Omron Electronics LLC MKS2PI Datasheet HTML 6Page - Omron Electronics LLC MKS2PI Datasheet HTML 7Page - Omron Electronics LLC MKS2PI Datasheet HTML 8Page - Omron Electronics LLC MKS2PI Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MK-S
2
Ordering Information
List of Models
List of Models (Order Separately)
Type
Terminals
Contact
form
Internal connections
(See note 3.)
With mechanical indicator
With mechanical indicator
and lockable test button
Coil ratings
Standard
Models
Plug-in
DPDT
Standard
MKS2P
MKS2PI
AC/DC
Non-standard
MKS2P-2
MKS2PI-2
3PDT
Standard
MKS3P
MKS3PI
Non-Standard
MKS3P-2
MKS3PI-2
MKS3P-5
MKS3PI-5
Models with
LED Indicator
(See note 2.)
DPDT
Standard
MKS2PN(1)
MKS2PIN(1)
AC/DC
Non-standard
MKS2PN(1)-2
MKS2PIN(1)-2
3PDT
Standard
MKS3PN(1)
MKS3PIN(1)
Non-Standard
MKS3PN(1)-2
MKS3PIN(1)-2
MKS3PN(1)-5
MKS3PIN(1)-5
Models with
Diode
(See note 2.)
DPDT
Standard
MKS2P(1)-D
MKS2PI(1)-D
DC
Non-standard
MKS2P(1)-D-2
MKS2PI(1)-D-2
3PDT
Standard
MKS3P(1)-D
MKS3PI(1)-D
Non-Standard
MKS3P(1)-D-2
MKS3PI(1)-D-2
MKS3P(1)-D-5
MKS3PI(1)-D-5
Models with
LED Indicator
and Diode
DPDT
Standard
MKS2PN-D
MKS2PIN-D
DC
Non-standard
MKS2PN-D-2
MKS2PIN-D-2
3PDT
Standard
MKS3PN-D
MKS3PIN-D
Non-Standard
MKS3PN-D-2
MKS3PIN-D-2
MKS3PN-D-5
MKS3PIN-D-5
Models with
Varistor
DPDT
Standard
MKS2P-V
MKS2PI-V
AC
Non-standard
MKS2P-V-2
MKS2PI-V-2
3PDT
Standard
MKS3P-V
MKS3PI-V
Non-Standard
MKS3P-V-2
MKS3PI-V-2
MKS3P-V-5
MKS3PI-V-5
Models with
LED Indicator
and Varistor
DPDT
Standard
MKS2PN-V
MKS2PIN-V
AC
Non-standard
MKS2PN-V-2
MKS2PIN-V-2
3PDT
Standard
MKS3PN-V
MKS3PIN-V
Non-Standard
MKS3PN-V-2
MKS3PIN-V-2
MKS3PN-V-5
MKS3PIN-V-5
Item
Type
Model
Track-mounted
Socket
8-pin
PF083A-E
11-pin
PF113A-E
8-pin
PF083A-D
11-pin
PF113A-D
Hold-down Clip
(For PF083A-E and PF113A-E)
PFC-A1
Rated voltage
Note: 1. When ordering, add the rated voltage to the model number. Rated voltages are given in the coil ratings table in the specifications.
Example: MKS3P 24 VDC
2. The DC coil comes in two types: standard coil polarity and reverse coil polarity.
Refer to Terminal Arrangement and Internal Connections (Bottom View).
Example: MKS2PIN1-2 24 VDC
3. Refer to Terminal Arrangement and Internal Connections (Bottom View) for non-standard internal connections.
Reverse coil polarity



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com