Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEV100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # LEV100
Description  KILOVAC LEV100 Series 900 Vdc Contactor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LEV100 Datasheet(HTML) 2 Page - Tyco Electronics

  LEV100 Datasheet HTML 1Page - Tyco Electronics LEV100 Datasheet HTML 2Page - Tyco Electronics LEV100 Datasheet HTML 3Page - Tyco Electronics LEV100 Datasheet HTML 4Page - Tyco Electronics LEV100 Datasheet HTML 5Page - Tyco Electronics LEV100 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
KILOVAC LEV100
Series 900 Vdc
Contactor
Tyco Electronics I LEV100
PART NUMBERING
PRODUCT OFFERING
Typical Part Number
LEV100
A4
A
N
G
S
Se
er
riie
es
s::
LEV100 = 100A Contactor
C
Co
on
nt
ta
ac
ct
t A
Ar
rr
ra
an
ng
ge
em
me
en
nt
t::
A = 1 Form X (SPST-NO-DM)
C
Co
oiill V
Vo
ollt
ta
ag
ge
e::
4 = 12VDC
5 = 24VDC
6 = 48VDC
C
Co
oiill W
Wiir
re
e L
Le
en
ng
gt
th
h::
A = 15 inches [.4M]
C
Co
oiill T
Te
er
rm
miin
na
at
tiio
on
n::
N = None – Stripped Wires
M
Mo
ou
un
nt
tiin
ng
g a
an
nd
d P
Po
ow
we
er
r T
Te
er
rm
miin
na
alls
s::
G = Bottom Mount (2 x #8); M5 x 10
H = Side Mount (2 x #8); M5 x 10
NOTE: All part numbers are RoHS compliant.
Specifications are subject to change without notice.
• Bottom Mount Models
3-1618389-7
LEV100A4ANG
12Vdc coil
15”[.4m] leads
9-1618389-8
LEV100A5ANG
24Vdc coil
15”[.4m] leads
3-1618391-7
LEV100A6ANG
48Vdc coil
15”[.4m] leads
• Side Mount Models
4-1618391-0
LEV100A4ANH
12Vdc coil
15”[.4m] leads
4-1618391-1
LEV100A5ANH
24Vdc coil
15”[.4m] leads
4-1618391-2
LEV100A6ANH
48Vdc coil
15”[.4m] leads



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com