Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2D-40C6 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW2D-40C6
Description  Slim Connector-Terminal Block Conversion Units
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2D-40C6 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW2D-40C6 Datasheet HTML 1Page - Omron Electronics LLC XW2D-40C6 Datasheet HTML 2Page - Omron Electronics LLC XW2D-40C6 Datasheet HTML 3Page - Omron Electronics LLC XW2D-40C6 Datasheet HTML 4Page - Omron Electronics LLC XW2D-40C6 Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
XW2D
2
Dimensions
(Unit: mm)
A
DIN Track lock
B
6 40
(4.5)
7
39
(39.1)
17.6
Two, 4.5 dia.
XG4A MIL Connector
7
7
M3
5.8
1.2
24
6
46
48
50
A23
A24
A25
B23
B24
B25
45
47
49
13
5
A1 A2 A3
B1 B2 B3
Mounted Connector
Terminal Block
Triangular mark
XW2D-
@@G6
Mounted Connector: XG4A MIL Connector
Wiring Diagram
(Example for Terminal Block with 50 Poles)
Note: There is only one DIN Track lock located in the center of the terminal block for a 20-pole Unit.
Note: For all models, the odd-numbered pins on the Connec-
tor correspond to row A on the terminal block and the
even-numbered pins on the Connector correspond to
row B on the terminal block.
135
7
9
11 13
15
17
19
21 23
25
27
29
31
33
35
37
39
246
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
Terminal Block
Connector (XG4A-4031)
Connector
pin No.
Terminal No.
Triangular
mark
135
7
9
11 13
15
17
19
21
23
25 27
29
31
33
35
37
39
246
8
10 12
14
16
18
20
22
24
26 28
30 32
34
36
38
40
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B13
B14
B15
B16
B17
B18
B19
B20
Terminal Block
Connector (XG4A-4031)
Connector
pin No.
Terminal No.
Triangular
mark
XW2D-40G6-RF
XW2D-40G6-RM
Note: The dimensions shown here are the same as the XW2D-40G6.
Note: The dimensions shown here are the same as the XW2D-40G6.
17.6
39
(21.1)
B
6 40
(4.5)
7
A
Two,4.5 dia.
XG4C MIL Connector
DIN Track lock
7
1.2
7
5.8
M3
24
6
46
48
50
A23 A24 A25
B23 B24 B25
45
47
49
13
5
A1 A2 A3
B1 B2 B3
Mounted Connector
Terminal Block
Triangular
mark
XW2D-
@@C6
Mounted Connector: XG4C MIL Connector
Wiring Diagram
(Example for Terminal Block with 50 Poles)
Note: There is only one DIN Track lock located in the center of the terminal block for a 20-pole Unit.
Note: For all models, the odd-numbered pins on the Connec-
tor correspond to row A on the terminal block and the
even-numbered pins on the Connector correspond to
row B on the terminal block.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com