Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2549 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2549
Description  WIDE BAND FM IF DEMODULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2549 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2549 Datasheet HTML 3Page - New Japan Radio NJM2549 Datasheet HTML 4Page - New Japan Radio NJM2549 Datasheet HTML 5Page - New Japan Radio NJM2549 Datasheet HTML 6Page - New Japan Radio NJM2549 Datasheet HTML 7Page - New Japan Radio NJM2549 Datasheet HTML 8Page - New Japan Radio NJM2549 Datasheet HTML 9Page - New Japan Radio NJM2549 Datasheet HTML 10Page - New Japan Radio NJM2549 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NJM2549
Ver.2010-06-24
- 7 -
Test Circuit 7
for RSSI Response
Test Circuit 8
for Demodulated signal (LPF is connected)
T1:4CJH(Sample No.:080293006)
SAGAMI ELEC CO., LTD. (Japan)
C1
0.01u
IF IN
R1
51
C2
0.01u
C3
0.01u
C8
0.01u
C9
10u
C7
0.01u
V
+
T1
AF OUT
C6
82p
C5
3p
R2
2.4k
C4
100p
Oscilloscope
Zo=50
1
2
3
4
5
10
9
8
7
6
RSSI
IF AMP
QUAD
DET
Signal ON to OFF
OFF to ON
Audio Analyzer
Input impedance = 100kΩ
LPF = 30kHz
-
+
AF OUT
C1
0.01u
IF IN
R1
51
C2
0.01u
C3
0.01u
C8
0.01u
C9
10u
C7
0.01u
V
+
1
2
3
4
5
10
9
8
7
6
RSSI
IF AMP
QUAD
DET
T1
C6
82p
C5
3p
R2
2.4k
C4
100p
RSSI OUT
V
Zo=50
Ca
3300p
fc=
Hz
2 π
3 RaRbRcCaCbCc
1
Cb
330p
Cc
1000p
Ra
68k
Rb
68k
Rc
68k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com