Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VWS100Z28 Datasheet(PDF) 2 Page - Power-One

Part # VWS100Z28
Description  100W Full Brick
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

VWS100Z28 Datasheet(HTML) 2 Page - Power-One

  VWS100Z28 Datasheet HTML 1Page - Power-One VWS100Z28 Datasheet HTML 2Page - Power-One VWS100Z28 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
VWS SERIES - 100 WATT
Thermal Impedance
Natural Convection
5.5 °C/W
100 LFM
4.6 °C/W
200 LFM
3.6 °C/W
300 LFM
2.4 °C/W
400 LFM
2.0 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated
for specific application.
MECHANICAL DRAWING
1-Vin
2
Gate OUT
3
Gate IN
4+Vin
5-Vout
6
-Sense
7
Trim
8
+Sense
9+Vout
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
Pin
Function
9
8
7
6
5
4
3
2
1
1.525"(38.7mm)
-0.125"(-3.2mm)
(14.0mm)
0.55"
DIA 0.080"(2.0mm)
DIA 0.040"(1.0mm)
0.15"(3.8mm) MIN.
-0.32"(-8.1mm)
1.400"(35.6mm)
1.000"(25.4mm)
0.700"(17.8mm)
0.400"(10.2mm)
0
M3X.5 THROUGH 4PL
MOUNTING INSERTS
(116.8mm)
4.60"
(51.8mm)
2.04"
BOTTOM VIEW
(-4.8mm)
-0.19"
(7.6mm)
0.300"
0
(99.1mm)
3.900"
(106.7mm)
4.200"
7PL
2PL
MODELS - (See the last page of section for options.)
SINGLE OUTPUT MODEL SELECTION CHART
MODEL
INPUT VOLTAGE
INPUT VOLTAGE
MAXIMUM INPUT
OUTPUT
RATED OUTPUT
RIPPLE & NOISE
TYPICAL
(VOLTS)
RANGE (VOLTS)
CURRENT (AMPS)*
VOLTAGE (VOLTS)
CURRENT (AMPS)
pk-pk (mV)
EFFICIENCY**
VWS100YG
∆
24
18-36
7.0
5
20.0
50
82%
VWS100YH
∆
24
18-36
7.0
12
8.3
120
84%
VWS100YJ
24
18-36
7.0
15
6.7
150
85%
VWS100YK
24
18-36
7.0
24
4.2
200
87%
VWS100Y28
∆
24
18-36
7.0
28
3.6
200
90%
VWS100YL
∆
24
18-36
7.0
48
2.1
200
90%
VWS100ZG
∆
48
36-72
3.5
5
20.0
50
84%
VWS100ZH
48
36-72
3.5
12
8.3
120
89%
VWS100ZJ
∆
48
36-72
3.5
15
6.7
150
89%
VWS100ZK
48
36-72
3.5
24
4.2
200
88%
VWS100Z28
∆
48
36-72
3.5
28
3.6
200
90%
NOTES:
∆ Advanced product release- consult factory.
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com