Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLD08VYY Datasheet(PDF) 2 Page - Power-One

Part # PLD08VYY
Description  PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLD08VYY Datasheet(HTML) 2 Page - Power-One

  PLD08VYY Datasheet HTML 1Page - Power-One PLD08VYY Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
PLD08 Series – 8A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 9/01
Page 2 of 2
www.power-one.com
Mechanical Drawing Dimensions shown in inches (millimeters)
Pin
Function
1
Trim1
2
ON/OFF
3
Trim2
4
Vout1
5
GND
6
Vin
7
GND
8
Vout2
TOP VIEW
Notes
1.
Consult factory for the complete list of available options.
2.
Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.
Tolerances:
.xx
± 0.020” (0.5mm)
.xxx
± 0.010” (0.25mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com