Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7335 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP7335
Description  300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7335 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP7335 Datasheet HTML 10Page - Diodes Incorporated AP7335 Datasheet HTML 11Page - Diodes Incorporated AP7335 Datasheet HTML 12Page - Diodes Incorporated AP7335 Datasheet HTML 13Page - Diodes Incorporated AP7335 Datasheet HTML 14Page - Diodes Incorporated AP7335 Datasheet HTML 15Page - Diodes Incorporated AP7335 Datasheet HTML 16Page - Diodes Incorporated AP7335 Datasheet HTML 17Page - Diodes Incorporated AP7335 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP7335
300mA, Low Quiescent Current, Fast Transient
Low Dropout Linear Regulator
AP7335
Document number: DS32259 Rev. 1 - 2
14 of 18
www.diodes.com
July 2010
© Diodes Incorporated
Ordering Information
AP7335 - XX XX G - X
Packing
Package
Green
G : Green
7 : Tape & Reel
Blank : ADJ
10 : 1.0V
Output
12 : 1.2V
15 : 1.5V
18 : 1.8V
25 : 2.5V
28 : 2.8V
30 : 3.0V
33 : 3.3V
20 : 2.0V
39 : 3.9V
08 : 0.8V
W : SOT25
SN : DFN2020-6
Device
Package
Code
Packaging
(Note 6)
7”/13” Tape and Reel
Quantity
Part Number Suffix
AP7335-XXWG-7
W
SOT25
3000/Tape & Reel
-7
AP7335-XXSNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
Notes:
6. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com