Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EAS1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EAS1
Description  Snap-In Compact RFI Filter IEC Connector Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EAS1 Datasheet(HTML) 1 Page - Tyco Electronics

  3EAS1 Datasheet HTML 1Page - Tyco Electronics 3EAS1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Snap-In Compact RFI Filter IEC Connector Package
This filter offers the performance characteristics of the
EEA susceptibility filter with the additional advantage of a
snap-in panel mount. The EAS series supersedes the EF
series by providing superior performance, particularly in
the common mode at low frequencies.
EBS Series
This filter offers the performance characteristics of the
EEB susceptibility filter with the additional advantage of
a snap-in panel mount. The EBS provides enhanced
differential mode performance compared to both the
EAS and EF series.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
.22 mA
@ 250 VAC 50 Hz:
.38 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.1
.15
.5
1
5
10
30
EAS Models
01A
12
23
29
32
41
47
47
47
40
03A
-
10
15
19
30
36
48
50
47
06A
-
1
4
10
22
28
42
48
47
10A
-
1
3
5
14
20
32
38
47
15A
-
-
-
1
5
8
20
25
40
EBS Models
01A
12
23
29
32
41
47
47
47
40
03A
-
10
14
18
30
36
48
50
47
06A
-
1
4
10
22
28
42
48
47
10A
-
1
3
5
14
20
32
38
47
15A
-
-
-
1
5
8
20
26
40
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.5
1
1.5
3
5
10
30
EAS Models
01A
1
9
19
32
42
45
40
03A
2
4
6
20
35
45
40
06A
2
4
6
6
24
40
40
10A
1
4
5
5
5
30
40
15A
1
4
4
12
14
15
40
Current
Frequency-MHz
Rating
.01 .15
.5
1
3
5
10
30
EBS Models
1A
1
3
14
23
41
47
50
44
3A
1
2
11
14
25
38
44
40
6A
1
2
10
14
20
33
42
40
10A
1
2
10
16
19
19
39
40
15A
-
2
10
16
24
28
28
40
26
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
EAS, EBS Series
EAS Series
CORCOM Product Guide
Electrical Schematic
Resistor location for reference only.
LINE
LOAD
UL Recognized
CSA Certified
VDE Approved
EAS1/EBS1


Similar Part No. - 3EAS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EAS1 MACOM-3EAS1 Datasheet
373Kb / 5P
Cost-effective EMI Power Inlet Filter
More results

Similar Description - 3EAS1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
EJT MACOM-EJT Datasheet
428Kb / 6P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EEA1 MACOM-1EEA1 Datasheet
518Kb / 2P
Cost Effective Compact REI Filter IEC Connector Package
1EF1F MACOM-1EF1F Datasheet
69Kb / 2P
Compact RFI Filter with IEC Connectors
1EJH1 MACOM-1EJH1 Datasheet
153Kb / 4P
Enhanced Performance Compact Medical RFI Filter IEC Connector Package
3DAF1 MACOM-3DAF1 Datasheet
102Kb / 2P
Compact RFI Line Filter with DC Inlet Connector
1EEJ1 MACOM-1EEJ1 Datasheet
110Kb / 4P
Enhanced Performance (1-20 Amp) Compact RFI Filter IEC Connector Package
1EJS1 MACOM-1EJS1 Datasheet
114Kb / 2P
Enhanced Performance Snap-In Compact RFI Filter IEC Connector Package
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
Compact RFI Filter with IEC Connector for Higher Frequency Applications
logo
List of Unclassifed Man...
PE792003 ETC2-PE792003 Datasheet
166Kb / 4P
RFI Filter Module Combines IEC Connector, Fusing
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com