Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6VG1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6VG1
Description  High Performance RFI Filters for Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6VG1 Datasheet(HTML) 1 Page - Tyco Electronics

  6VG1 Datasheet HTML 1Page - Tyco Electronics 6VG1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance RFI Filters for Switching Power Supplies
The G series RFI filters are designed to provide excellent
common-mode and differential-mode attenuation for most
digital electronic equipment (particularly switching power
supplies) over the frequency range of 20kHz to 30MHz.
These filters are a size- and cost-effective solution for
equipment that must meet the conducted emission limits of
EN55022 Level A requirements, as well as FCC Part 15J,
Class B.
The EG models also meet the very low leakage current
requirements for VDE portable equipment as well as (120
volt) UL 544 non-patient medical equipment.
Specifications
Maximum leakage current,each line-to-ground
EG Models
VG Models
@ 120 VAC 60 Hz:
.30 mA
1.2 mA
@ 250 VAC 50 Hz:
.50 mA
2.0 mA
Hipot rating (one minute):
line-to-ground
2250 VDC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Rated current:
6EG1/6VG1
6A
10EG1/10VG1
10A
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
64
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
G Series
G Series
CORCOM Product Guide
10EG1/10VG1
6EG1/6VG1
Electrical Schematics
6EG & 6VG Models
10EG & 10VG Models
Resistor location for reference only.
LINE
LOAD
LINE
LOAD
UL Recognized
CSA Certified
VDE Approved
Current
Frequency-MHz
Rating
.01 .05 .07
.1
.15
.5
1
5
10 30
EG1
06A
6
19
23
25
29
48
44
43
40 40
10A
8
10
15
18
42
64
65
65
60 60
VG1
06A
4
18
21
25
30
56
55
53
45 45
10A
5
10
24
37
50
72
70
70
60 60
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.01 .05 .07
.1
.15
.5
1
5
10 30
EG1
06A
4
6
10
24
37
66
75
72
50 50
10A
5
5
5
26
40
65
65
60
70 70
VG1
06A
4
7
7
26
39
67
75
68
55 55
10A
5
5
7
26
39
65
60
60
70 70


Similar Part No. - 6VG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VG1 MACOM-6VG1 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results

Similar Description - 6VG1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
High Performance RFI Filters for Switching Power Supply
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
Highest Performance RFI Filters for Switching Power Supplies
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
High Performance RFI Filters for Switching Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com