Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6EHT1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6EHT1
Description  High Performance RFI Power Line Filters for Medical Equipment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6EHT1 Datasheet(HTML) 1 Page - Tyco Electronics

  6EHT1 Datasheet HTML 1Page - Tyco Electronics 6EHT1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Performance RFI Power Line Filters for Medical Equipment
The HT series power line filters provide superior common-
mode and premium differential-mode attenuation to RFI
noise on the frequency range from 10kHz to 30MHz, for
IEC 60601 and UL2601 patient-connected equipment, as
well as all other electronic equipment that cannot tolerate
leakage current.
They are a size- and cost-effective solution to the problem
of meeting both medical leakage current limits and
conducted emissions limits in equipment with high noise
sources (such as switching power supplies). HT series
filters can meet the following Conducted Emissions
standards:
• European Normalized Standards based on EN55022,
Level A (in many cases, Level B also).
• FCC Part 15, Computing Devices, Class B.
• FCC Part 18, ISM Equipment, Industrial and
Consumer.
Note: When using the models with an IEC connector,
remember that the leakage current of the companion line
cord, GA400, is more significant than that of the filter -
which may disqualify this line cord from use in patient care
applications.
For more information on UL2601, see Appendix C.
Specifications
Maximum leakage current,each line-to-ground
@ 120 VAC 60 Hz:
2
µA
@ 250 VAC 50 Hz:
5
µA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency–MHz
Rating
.01 .02 .05 .08 .15 .5
1
2
5 10 20 30
3A
22 32
36
-
49 46 40 30 22 12 12 12
6A
16 23
32
41 46 41 33 26 15 9
6
2
10A
9
15
24
30 36 42 34 22 11 12 8
8
15A
4
9
18
22 27 41 34 22 12 12 5
2
Line-to-line in 50 ohm circuit
Current
Frequency–MHz
Rating
.01 .02 .05 .08 .15 .5
1
2
5 10 20 30
3A
3
1
30
-
61 70 65 65 48 40 32 32
6A
4
1
14
45 51 70 70 65 55 47 37 37
10A
7
8
17
32 52 70 70 70 65 55 40 35
15A
12 16
15
10 51 70 70 70 70 70 65 55
70
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
HT Series
HT Series
CORCOM Product Guide
Electrical Schematics
3 & 6 Amp
10 Amp
LINE
LOAD
LINE
LOAD
15 Amp
LINE
LOAD
HT1
HT7
HT6
HT3
UL Recognized
CSA Certified
VDE Approved
Resistor location for reference only.


Similar Part No. - 6EHT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6EHT1 MACOM-6EHT1 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
logo
TE Connectivity Ltd
6EHT1 TEC-6EHT1 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
6EHT1 TEC-6EHT1 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
More results

Similar Description - 6EHT1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3EHQ1 MACOM-3EHQ1 Datasheet
68Kb / 2P
Highest Performance RFI Filters for Medical Equipment
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3EHQ1 MACOM-3EHQ1_11 Datasheet
212Kb / 3P
Highest Performance RFI Filters for Medical Equipment
3EHT1 MACOM-3EHT1_11 Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EHQ TEC-3EHQ Datasheet
212Kb / 3P
Highest Performance RFI Filters for Medical Equipment
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6EHQ TEC-6EHQ Datasheet
212Kb / 3P
Highest Performance RFI Filters for Medical Equipment
6EHT TEC-6EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
10EHT TEC-10EHT Datasheet
215Kb / 3P
High Performance RFI Power Line Filters for Medical Equipment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com