Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3EXLA2S Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3EXLA2S
Description  Multi-Function Power Modules with RFI Power Line Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3EXLA2S Datasheet(HTML) 1 Page - Tyco Electronics

  3EXLA2S Datasheet HTML 1Page - Tyco Electronics 3EXLA2S Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Maximum leakage current, each line-to-ground:
@ 120 VAC 60 Hz:
FLA Model
0.25 mA
XLA/ZLA Models 0.30 mA
@ 250 VAC 50 Hz:
All Models
0.50 mA
Hipot rating (one minute):
line-to-ground
1500 VAC
line-to-line
1450 VDC
Operating voltages:
110,120, 220/240 VAC
Operating frequency:
50/60 Hz
Rated voltage (max.):
250 VAC
Switch:
Double-insulated, rated for
50,000 operations at full load.
35 Amp inrush capability
Fuse (not included):
Accepts one 1/4" x 1-1/4" fuse,
or two 5 x 20 mm fuses
Terminals:
.110 [2.79] terminals
Minimum insertion loss in dB:
Multi-Function Power Entry Modules with RFI Power Line Filters
The LA series is a multi-function power entry connector with
a choice of filtering capabilities. The series features an IEC
power line connector, selectable North American or dual
European fusing capabilities, DPST on/off switch, and
120/240 voltage selection. The filtered LA units provide a
one piece solution to power entry needs and provide a
filtering solution for almost any RFI problem. Their vertical
design is flange mounted.
This series offers three levels of filtering, all carrying UL
recognition, CSA certification, and VDE approval.
FLA Model – General purpose RFI filter designed for sus-
ceptibility applications, effectively providing RFI control of
line-to-ground noise.
XLA Model – High performance RFI filter designed to bring
most digital equipment (including switching power sup-
plies) into compliance with FCC Part 15J, Class B conduct-
ed emissions limits.
ZLA Model – Premium performance RFI filter designed to
bring most digital equipment (including switching power
supplies) into compliance with EN55022, Level B (as well
as FCC Part 15J, Class B) conducted emissions limits.
122
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
LA Series
LA Series
CORCOM Product Guide
UL Recognized
CSA Certified
VDE Approved
FLA/XLA/ZLA
Voltage Selection
To change selected voltage: remove the fuse cartridge
using a small blade screwdriver or similar tool; select the
desired voltage by matching the arrow on the fuse car-
tridge to the arrow located on the front of the unit (lower
right corner); replace the fuse cartridge making sure the
voltage selection arrow aligns with the arrow located on
the front of the unit.
Fuse Changing
Remove the fuse cartridge using a small blade screwdriver
or similar tool; for European fusing pull out the sliding fuse
covers located at the top of each fuse compartment; insert
desired fuses; push the sliding fuse covers back in place
and insert the fuse cartridge back into the unit making sure
the voltage selection arrow aligns with the arrow located on
the front of the unit. (Note: Single North American or
European fuse placement is always on the side of the
desired voltage selection arrow behind the fuse symbol;
the other compartment may be used as a spare or be left
blank. Dual European fusing capability is available for
220/240 volts only.)
Line-to-ground in 50 ohm circuit
Current
Frequency-MHz
Rating
.01
.05
.15
.5
1
5
10
30
FLA
5A
-
-
14
21
26
40
46
50
XLA
3A
2
12
21
35
46
44
44
40
ZLA
3A
14
28
38
42
40
40
40
40
Line-to-line in 50 ohm circuit
Current
Frequency-MHz
Rating
.02 .03 .05 .07 .15
.5
1
5
10
30
XLA
3A
-
-
-
5
33
60 65 60 50
50
ZLA
3A
3
14
29
38
57
72 72 65 55
50


Similar Part No. - 3EXLA2S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
3EXLA2S TEC-3EXLA2S Datasheet
196Kb / 3P
Power Entry Module with Enhanced EMI Filtering
More results

Similar Description - 3EXLA2S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
15DCB6 MACOM-15DCB6 Datasheet
163Kb / 4P
RFI Power Line Filters for DC Applications
logo
Adam Technologies, Inc.
PLF3P4C ADAM-TECH-PLF3P4C Datasheet
163Kb / 1P
EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF-6DZ2KR ADAM-TECH-PLF-6DZ2KR Datasheet
93Kb / 1P
EMI/RFI POWER LINE FILTERS
logo
PREMO CORPORATION S.L
FA PREMO-FA Datasheet
140Kb / 1P
RFI Power Line Filters
logo
Tyco Electronics
15DCF6 MACOM-15DCF6_1 Datasheet
169Kb / 4P
RFI Power Line Filters for DC Applications
15DCF6 MACOM-15DCF6_11 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
16AYA6A MACOM-16AYA6A_11 Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
3-phase WYE RFI Power Line Filters
DCB6 TEC-DCB6 Datasheet
242Kb / 6P
RFI Power Line Filters for DC Applications
logo
Delta Electronics, Inc.
20DVGG5 DELTA-20DVGG5 Datasheet
384Kb / 2P
MULTI-PURPOSE POWER LINE FILTERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com