Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4EDL4CM Datasheet(PDF) 4 Page - Tyco Electronics

Part # 4EDL4CM
Description  Power Entry Module with RFI Power Line Filter for General or Medical Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

4EDL4CM Datasheet(HTML) 4 Page - Tyco Electronics

  4EDL4CM Datasheet HTML 1Page - Tyco Electronics 4EDL4CM Datasheet HTML 2Page - Tyco Electronics 4EDL4CM Datasheet HTML 3Page - Tyco Electronics 4EDL4CM Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
121
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
L Series
CORCOM Product Guide
Power Entry Module with RFI Power Line Filter for General
or Medical Applications (Continued)
UNFILTERED MODELS
Part
Current
Available Voltage
DPST
Mounting
Fuseholder
Number
Rating
Selection
On/Off
Style
Type
Position
Switch
6EL1S
6A
1
••
Flange
North American
6EL1SC
6A
1
••
Snap-In
North American
6EL1SM
6A
1
••
Flange
Metric
6EL1SCM
6A
1
••
Snap-In
Metric
6EL4
6A
4
Flange
North American
6EL4C
6A
4
Snap-In
North American
6EL4M
6A
4
Flange
Metric
6EL4CM
6A
4
Snap-in
Metric
FILTERED MODELS
Part
Filter
Current
Available Voltage
DPST
Mounting
Fuseholder
Number
Type
Rating
Selection
On/Off
Style
Type
Position
Switch
2EDL1S
Linear
2A
1
••
Flange
North American
2EDL1SC
Linear
2A
1
••
Snap-In
North American
2EDL1SM
Linear
2A
1
••
Flange
Metric
2EDL1SCM
Linear
2A
1
••
Snap-In
Metric
2EDL4
Linear
2A
4
Flange
North American
2EDL4C
Linear
2A
4
Snap-In
North American
2EDL4M
Linear
2A
4
Flange
Metric
2EDL4CM
Linear
2A
4
Snap-in
Metric
4EDL1S
Linear
4A
1
••
Flange
North American
4EDL1SC
Linear
4A
1
••
Snap-in
North American
4EDL1SM
Linear
4A
1
••
Flange
Metric
4EDL1SCM
Linear
4A
1
••
Snap-in
Metric
4EDL4
Linear
4A
4
Flange
North American
4EDL4C
Linear
4A
4
Snap-in
North American
4EDL4M
Linear
4A
4
Flange
Metric
4EDL4CM
Linear
4A
4
Snap-in
Metric
6EDL1S
Linear
6A
1
••
Flange
North American
6EDL1SC
Linear
6
1
••
Flange
North American
6EDL1SM
Linear
6
1
••
Flange
Metric
6EDL1SCM
Linear
6
1
••
Snap-in
Metric
6EDL4
Linear
6
4
Flange
North American
6EDL4C
Linear
6
4
Snap-in
North American
6EDL4M
Linear
6
4
Flange
Metric
6EDL4CM
Linear
6
4
Snap-in
Metric
6EHL1S
Medical
6
1
••
Flange
North American
6EHL1SC
Medical
61
••
Snap-in
North American
6EHL1SM
Medical
6
1
••
Flange
Metric
6EHL1SCM
Medical
6
1
••
Snap-in
Metric
6EHL4
Medical
6
4
Flange
North American
6EHL4C
Medical
6
4
Snap-in
North American
6EHL4M
Medical
6
4
Flange
Metric
6EHL4CM
Medical
6
4
Snap-in
Metric
•• Includes DPST switch



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com