Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE0SSSSX0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PE0SSSSX0
Description  The CHAMELEON Adaptable Module for General, High Performance or Medical Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PE0SSSSX0 Datasheet(HTML) 2 Page - Tyco Electronics

  PE0SSSSX0 Datasheet HTML 1Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 2Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 3Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 4Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 5Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 6Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 7Page - Tyco Electronics PE0SSSSX0 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
133
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
P Series Part Number Schematic
Part numbers are constructed by selecting the alphanumeric character which represents the desired feature.
Additional extender which allows the P series to adapt to CORCOM's L
series product cutout, as well as the panel cutout of Schaffner and Delta
parts is available.
* Extenders cannot be added to units with B shields.
P Series
P S J0 X S S 6 0
Mounting Style
E = Mounting ears
(Horizontal)
S = Snap-in
M = Mounting ears
(Vertical)
Extender
Option
0 = None
C = FN260
J = J Series
L = L Series
Switch Option
0 = Blank
S = Double pole
single throw
(DPST)
Input Voltage Select
0 = Single voltage
S = Dual voltage
select (SMPS)
X = Dual voltage
select (series/parallel)
Fuse Options
D = Dual fuse
S = Single fuse
Filter Type
0 = No filter
B = Interconnection
block ¦
H = Medical Filter
L = High Performance
Medical
S = General purpose
Z = High Performance
Filter Current
0 = No filter
3 = 3 amps
6 = 6 amps
X = 10 amps
Shield Options
0 = No shield
A = Filter shield
B = Complete
Shield
C = Complete can
(for L & Z models)
Mounting
Style
Extender
Options*
Switch
Options
Voltage
Select
Fuse
Options
Filter
Type
Filter
Current
Shield
Options*
**
‡
**
**
***
The part number PSJ0XSS60 would represent the equivalent of the Corcom
J Series 6J4:.
P Series (P)
with a snap-in mount (S)
with the J extender to fit the 6J4 cutout(J), and includes no switch (0)
dual voltage select (X)
single fusing (S),
general purpose filter (S)
for 6 amps (6)
with no shield (0).
Extender for
J-Series or others
Optional filter
Optional switch
Fuse holder
The CHAMELEON Adaptable Module for General, High Performance or
Medical Applications (Continued)
Notes:
An additional extender which allows the P series to adapt to Corcom's L
series product cutout as well as the panel cutout of Schaffner and Delta
parts is also available.
•
Extenders cannot be added to units with B shields
†
When using the interconnection block, the last 3 digits of the part number
are BX (0, A, or B)
‡
For alternative switch orientation options, please contact technical sup
port or your Corcom sales representative
**
Dual voltage options only available with filter types O, H or S
••• High performance versions are available with horizontal mounting ears
(PE style), no extenders, single voltage, complete can shield with options
for switch, fuses, filter type (L or Z) and 6 or 10 amp current ratings only.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com