Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90USB82 Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT90USB82
Description  8-bit Microcontroller with 8/16K Bytes of ISP Flash and USB Controller
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB82 Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT90USB82 Datasheet HTML 14Page - ATMEL Corporation AT90USB82 Datasheet HTML 15Page - ATMEL Corporation AT90USB82 Datasheet HTML 16Page - ATMEL Corporation AT90USB82 Datasheet HTML 17Page - ATMEL Corporation AT90USB82 Datasheet HTML 18Page - ATMEL Corporation AT90USB82 Datasheet HTML 19Page - ATMEL Corporation AT90USB82 Datasheet HTML 20Page - ATMEL Corporation AT90USB82 Datasheet HTML 21Page - ATMEL Corporation AT90USB82 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 306 page
background image
18
7707E–AVR–11/08
AT90USB82/162
The 32 general purpose working registers, 64 I/O registers, and the 512 bytes of internal data
SRAM in the AT90USB82/162 are all accessible through all these addressing modes. The Reg-
ister File is described in “General Purpose Register File” on page 11.
Figure 5-2.
Data Memory Map
5.2.1
Data Memory Access Times
This section describes the general access timing concepts for internal memory access. The
internal data SRAM access is performed in two clkCPU cycles as described in Figure 5-3.
Figure 5-3.
On-chip Data SRAM Access Cycles
5.3
EEPROM Data Memory
The AT90USB82/162 contains 512 bytes of data EEPROM memory. It is organized as a sepa-
rate data space, in which single bytes can be read and written. The EEPROM has an endurance
of at least 100,000 write/erase cycles. The access between the EEPROM and the CPU is
described in the following, specifying the EEPROM Address Registers, the EEPROM Data Reg-
ister, and the EEPROM Control Register.
32 R
egisters
64 I/O
R
egisters
I
nternal S RAM
(512
x 8)
$0000 - $001F
$0020 - $005F
$2FF
$0060 - $00FF
D
ata Memory
160 E
xt I/O
R
eg.
$0100
clk
WR
RD
Data
Data
Address
Address valid
T1
T2
T3
Compute Address
CPU
Memory Access Instruction
Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com