Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6ESRMC2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 6ESRMC2
Description  AC Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6ESRMC2 Datasheet(HTML) 1 Page - Tyco Electronics

  6ESRMC2 Datasheet HTML 1Page - Tyco Electronics 6ESRMC2 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC Connectors
140
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
SR Series
SR Series
CORCOM Product Guide
The SR series includes a full line of popular AC recepta-
cles. These male and female power line connectors
include snap-in and flange mounted models.
Specifications
Operating voltages:
120/250 VAC
Materials:
Insulator
Thermoplastic (UL V-2 flame class)
Prongs
Solid brass, nickel plated
Terminals
Brass, tin plated
Temperature Rating:
For "cold" connections, 65˚C
AC Connectors
UL Recognized
CSA Certified
VDE Approved
6ESRMC2
6ESRM-3
6ESRM-P
Current
Current
Input
Output Terminals
Mounting
Part Number
Rating
Rating
Configuration
Terminal
Panel
@UL/CSA
@VDE
Style
Dimensions
Style
Thickness
(in./mm)
(in./mm)
L
6ESRM-P
15
10
Male
PC Terminals
Fit .063/1.6 Hole
Flange
–
6ESRM-3
15
10
Male
Quick Disconnect .
25 x .032/
Flange
_
6.3 x 0.8
6ESRMC2
15
10
Male
Quick Disconnect
.187 x .032/
Snap-in
.059/1.5
4.8 x 0.8
6ESRFC3
15*
10
Female Quick Disconnect
.25 x .032/
Snap-in
.059/1.5
6.3 x 0.8
6ESRF-3
15*
10
Female Quick Disconnect
.25 x .032/
Flange
_
6.3 x 0.8
* UL recognized and CSA certified for 15 amps at 125V. VDE approved for 10 amps at 250V.
L Panel thickness tolerance is ±.004 [±.10]
6ESRFC3
6ESRF-3


Similar Part No. - 6ESRMC2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6ESRMC2 MACOM-6ESRMC2 Datasheet
253Kb / 2P
Power Inlet Connectors
logo
TE Connectivity Ltd
6ESRMC2 TEC-6ESRMC2 Datasheet
1Mb / 4P
Corcom SR Series Power Inlet Connectors
6ESRMC2 TEC-6ESRMC2 Datasheet
253Kb / 2P
Power Inlet Connectors
More results

Similar Description - 6ESRMC2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC Datasheet
366Kb / 7P
Low Profile Connectors for AC power supply
logo
Adam Technologies, Inc.
IECA1150 ADAM-TECH-IECA1150 Datasheet
114Kb / 1P
AC INLET/OUTLET IEC 320 & MINI IEC CONNECTORS
IEC-NA-4 ADAM-TECH-IEC-NA-4 Datasheet
257Kb / 3P
AC INLET/OUTLET MINI IEC CONNECTORS
logo
Hirose Electric
RP34L-5PA-2SC HIROSE-RP34L-5PA-2SC_1 Datasheet
350Kb / 7P
Low Profile Connectors for AC power supply
logo
Amphenol Corporation
AC3FAH-AU-B AMPHENOL-AC3FAH-AU-B Datasheet
2Mb / 16P
AC SERIES - A AND B TYPE XLR PCB CHASSIS CONNECTORS
logo
Adam Technologies, Inc.
IEC-F-1 ADAM-TECH-IEC-F-1 Datasheet
81Kb / 1P
AC INLET/OUTLET IEC 320 CONNECTORS
logo
STMicroelectronics
STEVAL-IHM006V1 STMICROELECTRONICS-STEVAL-IHM006V1 Datasheet
101Kb / 5P
AC/AC chopper driver
20-Jul-2007
logo
PHOENIX CONTACT
SAC-4P-MSS PHOENIX-SAC-4P-MSS Datasheet
131Kb / 5P
High-performance: AC connectors for up to 12 A and 630 V AC
logo
Hirose Electric
RP34 HIROSE-RP34 Datasheet
623Kb / 12P
Small I/O connectors for AC adapters
logo
Adels-Contact
979V43T1 ADELS-979V43T1 Datasheet
124Kb / 1P
Connectors System AC 166 Distributor
12/11/2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com