Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB4354 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CDB4354
Description  Evaluation Board for the CS4354
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4354 Datasheet(HTML) 4 Page - Cirrus Logic

  CDB4354 Datasheet HTML 1Page - Cirrus Logic CDB4354 Datasheet HTML 2Page - Cirrus Logic CDB4354 Datasheet HTML 3Page - Cirrus Logic CDB4354 Datasheet HTML 4Page - Cirrus Logic CDB4354 Datasheet HTML 5Page - Cirrus Logic CDB4354 Datasheet HTML 6Page - Cirrus Logic CDB4354 Datasheet HTML 7Page - Cirrus Logic CDB4354 Datasheet HTML 8Page - Cirrus Logic CDB4354 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
DS895DB1
CDB4354
Power consumption of the CS4354 can be calculated with the measured voltage drop at J4 and J5 when
the shunts are removed.
WARNING: Refer to the CS4354 datasheet for maximum allowable voltages levels. Operation outside of
this range can cause permanent damage to the device.
1.5
Grounding and Power Supply Decoupling
As with any high-performance converter, the CS4354 requires careful attention to power supply and ground-
ing arrangements to optimize performance. Figure 3 details the connections to the CS4354 and Figures 5,
6, and 7 show the component placement and top and bottom layout. The charge-pump and decoupling ca-
pacitors are located as close to the CS4354 as possible.
1.6
Hardware Control
The CDB4354 includes several shuntable jumper pin blocks to test CS4354-specific and board features,
such as:
• De-emphasis and Internal Serial Clock select for the CS4354
• Manual reset for the CS8416
• +5 V/+3.3 V select for the VL supply
Please use Table 2 as a guide to the possible configurations for these controls.
1.7
Analog Output Filtering
The analog output filter circuitry on the CDB4354 has been designed according to the CS4354 datasheet.
This circuit is a first order resistor-capacitor low pass filter with values 470
/2.2 nF, respectively, which sets
the -3 dB pole at 154 kHz. The resulting filter keeps signal attenuation below 0.1 dB at 20 kHz while provid-
ing sufficient filtering for noise outside the audio band.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com