Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3ESK7M Datasheet(PDF) 2 Page - Tyco Electronics

Part # 3ESK7M
Description  3 to 40 Amp High Performance K Series RFI Power Line Filters for SMPS Emission Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3ESK7M Datasheet(HTML) 2 Page - Tyco Electronics

  3ESK7M Datasheet HTML 1Page - Tyco Electronics 3ESK7M Datasheet HTML 2Page - Tyco Electronics 3ESK7M Datasheet HTML 3Page - Tyco Electronics 3ESK7M Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3 to 40 Amp High Performance K Series RFI Power Line Filters
for SMPS Emission Control (Continued)
Case Styles
89
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
SK Series
Specifications (continued)
Minimum insertion loss in dB:
Line-to-ground in 50 ohm circuit
Current
Frequency - MHz
Rating
.01
.08
.1
.15
.5
1
5
10
30
VSK Models
3A, 6A, 10A 4
23
25
29
43
44
42
42
30
20A
7
23
25
29
43
44
48
48
48
30A
2
13
14
15
27
31
46
51
39
40A
2
15
18
22
40
43
45
50
30
ESK Models
3A, 6A, 10A 4
22
24
28
42
40
36
36
27
20A
7
22
24
28
35
38
45
45
45
30A
2
13
15
15
27
31
40
41
36
Line-to-line in 50 ohm circuit
Current
Frequency - MHz
Rating
.01
.08
.1
.15
.5
1
5
10
30
VSK Models
3A, 6A
1
3
10
25
59
65
62
40
40
10A
1
3
3
10
55
65
65
50
50
20A
1
10
8
8
45
60
65
60
60
30A
5
13
13
13
60
60
51
43
43
40A
7
14
16
30
65
65
65
57
50
ESK Models
3A, 6A
1
3
10
25
59
65
62
40
40
10A
1
3
3
10
55
65
65
65
45
20A
1
10
8
8
45
60
65
60
60
30A
5
12
12
13
60
60
51
43
43
CORCOM Product Guide
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .188 [4.78] Dia. (2)
SK1
DE
A
C
B
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting holes: .188 [4.78] Dia. (2)
3A-SK3
AD
E
C
B
Brown
Blue
Brown
Blue
Green/
Yellow
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting holes: .188 [4.78] Dia. (2)
6A & 10A-SK3
AD
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com