Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15VT1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 15VT1
Description  High Performance RFI Power Line Filters for Switching Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15VT1 Datasheet(HTML) 2 Page - Tyco Electronics

  15VT1 Datasheet HTML 1Page - Tyco Electronics 15VT1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
High Performance RFI Power Line Filters for Switching Power Supplies (Continued)
95
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
T Series
CORCOM Product Guide
Case Styles
Case Dimensions
AB
C
D
E
± .015
Part No.
(max) (max) (max)
(max)
± .38
3ET1, 6ET1
3.56
2.15
1.81
2.938
3.38
90.4
54.6
46.0
74.63
85.9
3ET3, 6ET3
2.55
2.15
1.81
2.938
3.38
64.8
54.6
46.0
74.63
85.9
3ET7, 6ET7
3.52
2.25
1.78
1.575
0.63
89.4
57.2
45.2
40.01
16.0
10ET1, 10VT1
4.69
2.27
1.80
4.063
4.47
119.1
57.7
45.7
103.2 113.5
10ET3, 10VT3
3.69
2.27
1.80
4.063
4.47
93.7
57.7
45.7
103.2 113.5
15ET1, 15VT1,
5.45
3.12
2.18
3.500
3.96
20ET1, 20VT1
138.4
79.2
55.4
88.9
100.6
15ET6, 15VT6,
5.95
3.12
2.18
3.500
3.96
20ET6, 20VT6
151.1
79.2
55.4
88.9
100.6
† ±.02 [±.5]
†
Part Numbers
3ET1
3ET3
3ET7
6ET1
6ET3
6ET7
10ET1
10ET3
15ET1
15ET6
20ET1
20ET6
10VT1
10VT3
15VT1
15VT6
20VT1
20VT6
Line Cord No. (T7)
GA400
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .188 [4.78] Dia. (2)
T1
A
B
C
DE
Typical dimensions:
Wire leads: 4.0 [101.6] Min.
Mounting holes: .188 [4.78] Dia. (2)
T3
AD
E
Brown
Blue
Brown
Blue
Grn/Yel
C
B
Typical dimensions:
Terminals: .250 [6.35] (5)
Holes: .07 [1.8] Dia.(4)
Slot: .07 x .16 [1.8 x 4.1]
Mounting holes: .203 x .156 [5.16 x3.96] Dia. (4)
15A, 20A-T1
B
C
E D
2.00± .01
A
50.8±.25
E D
B
2.00 .01
50.8 .25
A
C
Typical dimensions:
Terminals: No. 8-32
Torque: 18 ± 2 in.lb
15A, 20A-T6
T7
A
Tapped insert:
D B
E
C
No. 6-32 x 1/4 (2)-R7
1.295
32.9
1.575
40.0
0.910
23.1
0.235
6.0 R.
0.157
4.0 Dia.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com