Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM40TS Datasheet(PDF) 27 Page - Tyco Electronics

Part # IM40TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM40TS Datasheet(HTML) 27 Page - Tyco Electronics

Back Button IM40TS Datasheet HTML 20Page - Tyco Electronics IM40TS Datasheet HTML 21Page - Tyco Electronics IM40TS Datasheet HTML 22Page - Tyco Electronics IM40TS Datasheet HTML 23Page - Tyco Electronics IM40TS Datasheet HTML 24Page - Tyco Electronics IM40TS Datasheet HTML 25Page - Tyco Electronics IM40TS Datasheet HTML 26Page - Tyco Electronics IM40TS Datasheet HTML 27Page - Tyco Electronics IM40TS Datasheet HTML 28Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
27 of 28
AXICOM Signal Relays
IM Relay
IM Relays
4th generation slim line – low profile polarized 2 c/o telecom signal relay
with bifurcated contacts, available as non latching or latching relay with
1 coil. Nominal voltage range from 1.5 ... 24 V, coil power consumption of 50 ...
200 mW, latching relays with 1 coil 100 mW. The IM relay is available as
through hole and surface mount type (J-Legs and Gull Wings) and capable
to switch loads up to 60 W/62,5 VA. It is currently the only 2 A rated 4G
relay on the market. Dielectric strength fulfills the Telcordia requirements
according GR 1089 (2.5 kV – 2 / 10 µs) and FCC part 68 (1.5 kV – 10 / 160 µs).
The IM relay is tested according CECC/IECQ and certified in accordance
with IEC/EN 60950 and UL 60950.
Dimensions approx. 10 x 6 mm board space and 5.65 mm height.
P2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal volt-
age range from 3 ... 24 V, coil power consumption 140 mW, latching relays
with 1 coil 70 mW. The P2 Relay is available as through hole or surface
mount type and capable to switch currents up to 5 A. Dielectric strength
fulfills the Telcordia requirements according GR 1089 (2.5 kV – 2 / 10 µs)
and FCC part 68 (1.5 kV – 10 / 160 µs). The P2 relay is tested accord-
ing CECC/IECQ and certified in accordance with IEC/EN 60950 and UL
60950. Dimensions approx. 15 x 7,5 mm board space and 10 mm height.
FX2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 coil. Nominal voltage
range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the high
sensitive version, 140... 300 mW for the standard version, latching relays
with 1 coil 100 mW. The FX2 relay is available as through hole type and
capable to switch loads up to 60 W/62.5 VA. Dielectric strength fulfills the
Telcordia requirements according GR 1089 (2.5 kV – 2 / 10 µs) and FCC
part 68 (1.5 kV – 10 / 160 µs). The FX2 relay is tested according CECC/
IECQ and certified in accordance with IEC/EN 60950 and UL 60950.
Dimensions approx. 15 x 7.5 mm board space and 10.7 mm height.
FT2 / FU2 Relays
3rd generation non polarized, non latching 2 c/o telecom relay with bi-
furcated contacts. Nominal voltage range from 3 ... 48 V, coil power con-
sumption 200 ... 300 mW. Most sensitive 48 V relay. Available as through
hole and surface mount type. Dielectric strength fulfills the Telcordia
requirements according GR 1089 (2.5 kV – 2 / 10 µs) and FCC part 68 (1.5
kV – 10 / 160 µs). The FT2/FU2 relay is tested according CECC/IECQ and
certified in accordance with IEC/EN 60950 and UL 60950.
Dimensions approx. 15 x 7.5 mm board space and 10 mm height.
FP2 Relays
3rd generation polarized 2 c/o telecom relay with bifurcated contacts,
available as non latching or latching relay with 1 or 2 coils. Nominal volt-
age range from 3 ... 48 V, coil power consumption of 80 ... 260 mW for the
high sensitive version, 140... 300 mW for the standard version, latching
relays with 1 coil 100 mW.. The FP2 Relay is available as through hole
type and capable to switch loads up to 60 W/62,5 VA. Dielectric strength
fulfills FCC part 68 (1.5 kV – 10 / 160 µs). The FP2 is tested according
CECC/IECQ approved.
Dimensions approx. 14 x 9 mm board space and 5 mm height.
MT2
2nd generation non polarized, non latching 2 c/o telecom and sig-
nal relay with bifurcated contacts. Nominal voltage range from 3
... 48 V, coil power consumption 150/200/300/400 and 550 mW.
Dielectric strength fulfills the requirements according FCC part 68
(1.5 kV – 10 / 160 µs).
Dimensions approx. 20 x 10 mm board space and 11 mm height.
D2n Relays
2nd generation non polarized 2 c/o relay for telecom and various other
applications. Nominal voltage range from 3 ... 48 V, coil power consumption
from 150 .... 500 mW. The D2n relay is capable to switch currents up to 3 A.
Dielectric strength fulfills the requirements according FCC part 68 (1.5 kV – 10
/ 160 µs). Dimensions approx. 20 x10 mm board space and 11 mm height.
P1 Relays
Extremely sensitive, polarized 1 c/o relay with bifurcated contacts for a
wide range of applications, available as non latching or latching relay with
1 or 2 coils. Nominal voltage range from 3 ... 24 V, coil power consump-
tion 65 mW, latching relays with 1 coil 30 mW. The P1 relay is available
as through hole or surface mount type and capable to switch currents up
to 1 A. Dielectric strength fulfills the requirements according FCC part 68
(1.5 kV – 10 / 160 µs). Dimensions approx. 13 x 7.6 mm board space and
7 mm height for THT or 8 mm height for SMT version.
W11 Relays
Low cost, non polarized 1 c/o relay for various applications. Nominal
voltage range from 3 ... 24 V, coil power consumption 450 mW, sensitive
versions 200 mW. The W11 relay is capable to switch currents up to 3 A.
Dielectric strength 1000 Vrms.
Dimensions approx. 15.6 x 10.6 mm board space and 11.5 mm height.
Reed Relays
High sensitive, non polarized relay for telecom and various other applica-
tions, available with 1 n/o, 2 n/o or 1c/o contacts. Nominal voltage range
from 5 ... 24 V, coil power consumption 50...280 mW for 1 n/o and 125
... 280 mW for 2 n/o or 1 c/o versions. Reed relays are available in DIP or
SIL housing and capable to switch currents up to 0.5 A. Integrated diode
and/or electrostatic shield optional. Dielectric strength 1500 Vdc. Dimen-
sions approx. 19.3 x 7 mm board space and 5 ... 7.5 mm height for DIP or
19.8 x 5 mm board space and 7.8 mm height for SIL version.
Cradle Relays
Extremely reliable and mature relay family of 1st generation for various signal
switching applications. Available as non polarized, polarized / latching and
relay with AC coil. The benefit is the possibility of combining various contact
sets from 1 up to 6 poles, single and bifurcated contacts, different contact
materials with a coil voltage range from 1.5 Vdc to 220 Vac. Cradle relays
are available as dust protected and hermetically sealed versions, with plug
in or solder terminals and are capable to switch currents up to 5 A. Forcibly
guided (linked) contact sets optional. Dielectric strength 500 Vrms. Dimen-
sions from approx. 19 x 24 to 19 x 35 mm board space and 30 mm height.
Other Relays
We offer a variety of different relay families for maintenance and replace-
ment purposes. These relays are up to 50-plus years old now, such as
Card Relay SN (V23030 series), Small General Purpose Relay (V23006
series), Small Polarized Relay (V23063 ... V23067 and V23163 ... V23167
series). Accessories like sockets, hold down springs, etc. optional.
High Frequency Relays
HF3 / HF3S / HF6 series RF relays offering excellent RF characteristics in
a small package. All HF series relays are suitable for SMD soldering pro-
cesses. Available as non latching or latching versions with 1 or 2 coils and
a nominal coil voltage range from 3 … 24 V, a coil power consumption of
140 mW or 70 mW (single coil latching types).
HF3: Low cost RF relay suitable up to 3 GHz. Impedance 50 and 75 Ohm.
50 W hot switching and 50 W RF power carry capability.
Dimensions 14.6 x 7.3 x 10.3 mm.
HF3S: High performance, high power RF relay suitable up to 3 GHz,
50 W hot switching and 150 W RF power carry capability.
Dimensions 15 x 7.6 x 10.6 mm.
HF6: High performance, high power RF relay suitable up to 6 GHz,
50 W hot switching and 50 W RF power carry capability.
Dimensions 15 x 7.6 x 10.6 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com