Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM44TS Datasheet(PDF) 6 Page - Tyco Electronics

Part # IM44TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM44TS Datasheet(HTML) 6 Page - Tyco Electronics

Back Button IM44TS Datasheet HTML 2Page - Tyco Electronics IM44TS Datasheet HTML 3Page - Tyco Electronics IM44TS Datasheet HTML 4Page - Tyco Electronics IM44TS Datasheet HTML 5Page - Tyco Electronics IM44TS Datasheet HTML 6Page - Tyco Electronics IM44TS Datasheet HTML 7Page - Tyco Electronics IM44TS Datasheet HTML 8Page - Tyco Electronics IM44TS Datasheet HTML 9Page - Tyco Electronics IM44TS Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
6 of 28
AXICOM Signal Relays
IM Relay 2 Pole Changeover / 2 Form C / DPDT
Coil Data (values at 23 °C)
Ordering Information
Nominal
voltage
Unom
Operate/set voltage range
Release/
reset voltage
Minimum
Coil
power
Coil
Resistance
Relay
code
Tyco
Electronics
part
number
Minimum
voltage Umin
Maximum
voltage Umax
Vdc
Vdc
Vdc
Vdc
mW
Ω / ± 10 %
Standard Version
THT Standard non-latching 1 coil
1.5
1.13
3.60
0.15
140
16
IM00TS
3-1462037-5
3
2.25
7.20
0.30
140
64
IM01TS
1462037-4
4.5
3.38
10.80
0.45
140
145
IM02TS
1-1462037-3
5
3.75
12.10
0.50
140
178
IM03TS
1-1462037-8
6
4.50
14.50
0.60
140
257
IM04TS
4-1462037-1
9
6.75
21.70
0.90
140
579
IM05TS
2-1462037-2
12
9.00
28.90
1.20
140
1029
IM06TS
2-1462037-7
24
18.00
48.50
2.40
200
2880
IM07TS
3-1462037-0
THT Narrow non-latching 1 coil
1.5
1.13
3.60
0.15
140
16
IM00NS
1-1462038-0
3
2.25
7.20
0.30
140
64
IM01NS
1-1462038-1
4.5
3.38
10.80
0.45
140
145
IM02NS
1-1462038-2
5
3.75
12.10
0.50
140
178
IM03NS
1-1462038-3
6
4.50
14.50
0.60
140
257
IM04NS
1-1462038-4
9
6.75
21.70
0.90
140
579
IM05NS
1-1462038-5
12
9.00
28.90
1.20
140
1029
IM06NS
1-1462038-6
24
18.00
48.50
2.40
200
2880
IM07NS
1-1462038-7
SMT J-Legs non-latching 1 coil
1.5
1.13
3.60
0.15
140
16
IM00JR
3-1462037-9
3
2.25
7.20
0.30
140
64
IM01JR
4-1462037-0
4.5
3.38
10.80
0.45
140
145
IM02JR
1-1462037-1
5
3.75
12.10
0.50
140
178
IM03JR
1-1462037-6
6
4.50
14.50
0.60
140
257
IM04JR
4-1462037-4
9
6.75
21.70
0.90
140
579
IM05JR
4-1462037-5
12
9.00
28.90
1.20
140
1029
IM06JR
4-1462037-6
24
18.00
48.50
2.40
200
2880
IM07JR
4-1462037-8
SMT Gull Wings non-latching 1 coil
1.5
1.13
3.60
0.15
140
16
IM00GR
3-1462037-7
2.4
1.80
6.80
0.24
140
41
IM08GR
6-1462039-3
3
2.25
7.20
0.30
140
64
IM01GR
1462037-1
4.5
3.38
10.80
0.45
140
145
IM02GR
1462037-9
5
3.75
12.10
0.50
140
178
IM03GR
1-1462037-4
6
4.50
14.50
0.60
140
257
IM04GR
4-1462037-2
9
6.75
21.70
0.90
140
579
IM05GR
3-1462037-4
12
9.00
28.90
1.20
140
1029
IM06GR
2-1462037-3
24
18.00
48.50
2.40
200
2880
IM07GR
4-1462037-7
Further coil versions are available on request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com