Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM45TS Datasheet(PDF) 22 Page - Tyco Electronics

Part # IM45TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM45TS Datasheet(HTML) 22 Page - Tyco Electronics

Back Button IM45TS Datasheet HTML 18Page - Tyco Electronics IM45TS Datasheet HTML 19Page - Tyco Electronics IM45TS Datasheet HTML 20Page - Tyco Electronics IM45TS Datasheet HTML 21Page - Tyco Electronics IM45TS Datasheet HTML 22Page - Tyco Electronics IM45TS Datasheet HTML 23Page - Tyco Electronics IM45TS Datasheet HTML 24Page - Tyco Electronics IM45TS Datasheet HTML 25Page - Tyco Electronics IM45TS Datasheet HTML 26Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
22 of 28
AXICOM Signal Relays
IM Relay
Insulation
IM Versions
Standard,
Sensitive, Ultra
High Sensitive
Version
“C” Version
High Dielectric
“D” Version
High Current
“P” Version
High Contact
stability
Insulation resistance at 500 Vdc
> 109 Ω
> 109 Ω
> 109 Ω
> 109 Ω
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
1800 Vrms
1000 Vrms
1000 Vrms
1800 Vrms
1800 Vrms
1500 Vrms
1500 Vrms
750 Vrms
750 Vrms
1500 Vrms
750 Vrms
750 Vrms
Surge voltage resistance
according to Telcordia
TR-NWT-001089 (2/10 µs)
between coil and contacts
between adjacent contact sets
between open contacts
2500 V
1500 V
1500 V
2500 V
2500 V
2500 V
2000 V
1000 V
1000 V
2000 V
1000 V
1000 V
according / EC 60950 (10/ 700 µs)
between coil and contacts
between adjacent contact sets
between open contacts
2500 V
1500 V
1500 V
2500 V
2500 V
2500 V
2000 V
1000 V
1000 V
2000 V
1000 V
1000 V
IM Type
IM-A
IM-B
IM-C
IM-D
IM-E
Insulation resistance at 500 Vdc
> 109 Ω
> 109 Ω
> 109 Ω
Dielectric test voltage (1 min)
between coil and contacts
between adjacent contact sets
between open contacts
4000 Vrms
-
2500 Vrms
1800 Vrms
-
1000 Vrms
1800 Vrms
1000 Vrms
1000 Vrms
Surge voltage resistance
according to Telcordia
TR-NWT-001089 (2/10 µs)
between coil and contacts
between adjacent contact sets
between open contacts
5600 V
-
3500 V
2500 V
-
1500 V
2500 V
1500 V
1500 V
according / EC 60950 (10/ 700 µs)
between coil and contacts
between adjacent contact sets
between open contacts
5600 V
-
3500 V
2500 V
-
1500 V
2500 V
1500 V
1500 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com