Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IM46TS Datasheet(PDF) 4 Page - Tyco Electronics

Part # IM46TS
Description  IM Series Signal Relays
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

IM46TS Datasheet(HTML) 4 Page - Tyco Electronics

  IM46TS Datasheet HTML 1Page - Tyco Electronics IM46TS Datasheet HTML 2Page - Tyco Electronics IM46TS Datasheet HTML 3Page - Tyco Electronics IM46TS Datasheet HTML 4Page - Tyco Electronics IM46TS Datasheet HTML 5Page - Tyco Electronics IM46TS Datasheet HTML 6Page - Tyco Electronics IM46TS Datasheet HTML 7Page - Tyco Electronics IM46TS Datasheet HTML 8Page - Tyco Electronics IM46TS Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
108-98001 Rev. M
All specifications subject to change. Consult Tyco Electronics for latest specifications.
4 of 28
AXICOM Signal Relays
IM Relay
Relay Code
Selection Guide
Packing:
S = Tube
R = Reel
Terminal shape:
T = THT-Standard
N = THT-Narrow
J = SMT-J-Leg
G = SMT-Gull Wing
K = THT- Short
Performance Type:
Nil = Standard Version
C = High Dielectric Version
D = High Current Version
P = High contact stability Version
Coil Version:
see coil data
Relay Type:
NIL = 2 pole changeover / DPDT / 2 Form
C
D =
2 pole break / DPST
NC / 2 Form B
E = 2 pole make / DPST NO / 2
Form A
A =
1 pole break / SPST NC / 1 Form B
B =
1 pole make / SPST NO / 1 Form A
C =
1 pole changeover / SPDT / 1 Form C
IM Relay
IM Relay
IM-A
1 Pole break
1 Form B
SPST NC
IM-B
1 Pole make
1 Form A
SPST NO
IM-C
1 Pole changeover
1 Form C
SPDT
IM
2 Pole changeover
2 Form C
DPDT
IM-D
2 Pole break
2 Form B
DPST NC
IM-E
2 Pole make
2 Form A
DPST NO
IM-B
High Dielectric “C”
IM
Standard
IM
High Dielectric “C”
IM-A
High Dielectric “C”
IM
High Contact
IM
High Current “D”
Stability “P”
IM-C
High Dielectric “C”
IM-C
Standard
IM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com