| Electronic Components Datasheet Search |
|
ADM1029ARQZ-R7 Datasheet(PDF) 26 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ADM1029ARQZ-R7 Datasheet(HTML) 26 Page - ON Semiconductor |
|
26 / 50 page ![]() Rev. 1 | Page 26 of 50 | www.onsemi.com BIT 0 = 1 CFAULT ASSERTED IF AIN VALUE EXCEEDS AIN HIGH LIMIT BIT 1 = 1 FANS RUN ALARM SPEED IF AIN VALUE EXCEEDS AIN HIGH LIMIT BIT 2 = 1 INT ASSERTED IF AIN VALUE EXCEEDS AIN HIGH LIMIT BIT 3 = 0 ALARM GENERATED (INT, CFAULT, OR ALARM SPEED) WHEN AIN GOES BELOW AIN LOW LIMIT BIT 3 = 1 ALARM GENERATED (INT, CFAULT, OR ALARM SPEED) WHEN AIN GOES ABOVE AIN LOW LIMIT BIT 4 = 1 CFAULT ASSERTED IF AIN VALUE EXCEEDS AIN LOW LIMIT. BIT 3 DECIDES WHETHER CFAULT IS ASSERTED GOING ABOVE OR BELOW THE LOW LIMIT BIT 5 = 1 FANS RUN ALARM SPEED IF AIN VALUE CROSSES THE AIN LOW LIMIT. BIT 3 DECIDE WHETHER ALARM SPEED IS TRIGGERED GOING ABOVE OR BELOW THE LOW LIMIT BIT 6 = 1 INT ASSERTED IF AIN VALUE CROSSES THE AIN LOW LIMIT. BIT 3 DECIDES WHETHER INT IS ASSERTED GOING ABOVE OR BELOW THE LOW LIMIT BIT 7 = 1 THIS BIT LATCHES AN OUT-OF-LIMIT AIN EVENT. CLEARED BY WRITING A '0' 7 6 5 4 3 2 1 0 AIN PINS BEHAVIOR (REG 0x50 CONFIGURES AIN0, REG 0x51 CONFIGURES AIN1) BIT 0 = 0 PIN 19 CONFIGURED AS AIN0 BIT 1 = 0 PIN 20 CONFIGURED AS AIN1 BIT 2 – 7 RESERVED FOR OTHER FUNCTIONS AIN PINS ENABLE (REG 0x05) ENABLE PINS FOR AIN FUNCTION (REGISTER 0x05) CONFIGURE AIN PINS BEHAVIOR AIN0 (REG 0x50) AIN1 (REG 0x51) CONFIGURE AIN EVENT MASK AIN0 (REG 0x58) AIN1 (REG 0x59) BIT 0 = 1 RUN FAN 1 AT ALARM SPEED IF AIN OUT-OF- LIMIT EVENT IS DETECTED BIT 1 = 1 RUN FAN 2 AT ALARM SPEED IF AIN OUT-OF- LIMIT EVENT IS DETECTED BITS 2 – 7 RESERVED – READ BACK ZERO AIN EVENT MASK (CONFIGURE REG 0x58 FOR AIN0, REG 0x59 FOR AIN1) IS AIN VALUE > AIN HIGH LIMIT? CFAULT YES YES FANS RUN ALARM SPEED YES INT AIN ABOVE OR BELOW LOW AIN LIMIT? 0 = ALARM BELOW AIN LOW LIMIT 1 = ALARM ABOVE AIN LOW LIMIT HAS AIN VALUE EXCEEDED AIN LOW LIMIT? CFAULT YES YES FANS RUN ALARM SPEED YES INT IS AIN VALUE > AIN HIGH LIMIT? IS AIN VALUE > AIN HIGH LIMIT? HAS AIN VALUE EXCEEDED AIN LOW LIMIT? HAS AIN VALUE EXCEEDED AIN LOW LIMIT? CONFIGURE AIN HIGH LIMITS AIN0 (REG 0xA8) AIN1 (REG 0xA9) CONFIGURE AIN LOW LIMITS AIN0 (REG 0xB0) AIN1 (REG 0xB1) MEASURE AIN VOLTAGES AIN0 (REG 0xB8) AIN1 (REG 0xB9) Figure 18. Configuring AIN0 and AIN1 Pins ADM1029 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |