Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1GU04DBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1GU04DBVT
Description  SINGLE INVERTER GATE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1GU04DBVT Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1GU04DBVT Datasheet HTML 1Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 2Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 3Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 4Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 5Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 6Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 7Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 8Page - Texas Instruments SN74LVC1GU04DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
www.ti.com
FEATURES
DBVPACKAGE
(TOP VIEW)
5
1
V
CC
NC
2
A
3
4
GND
Y
DRLPACKAGE
(TOP VIEW)
2
V
CC
5
1
3
4
Y
A
NC
GND
GND
DCKPACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
NC
Y
1
Seemechanicaldrawingsfordimensions.
DNU – Donotuse
NC – Nointernalconnection
YZPPACKAGE
(BOTTOM VIEW)
2
A
V
CC
1 5
DNU
GND
4
3
Y
YZVPACKAGE
(BOTTOM VIEW)
V
CC
1 4
A
GND
3
2
Y
DESCRIPTION/ORDERING INFORMATION
SN74LVC1GU04
SINGLE INVERTER GATE
SCES215T – APRIL 1999 – REVISED JANUARY 2007
• Available in the Texas Instruments
• ±24-mA Output Drive at 3.3 V
NanoFree™ Package
• Latch-Up Performance Exceeds 100 mA Per
• Supports 5-V V
CC Operation
JESD 78, Class II
• Inputs Accept Voltages to 5.5 V
• ESD Protection Exceeds JESD 22
• Unbuffered Output
–
2000-V Human-Body Model (A114-A)
• Max t
pd of 3.7 ns at 3.3 V
–
200-V Machine Model (A115-A)
• Low Power Consumption, 10-µA Max I
CC
–
1000-V Charged-Device Model (C101)
This single inverter gate is designed for 1.65-V to 5.5-V VCC operation.
The SN74LVC1GU04 contains one inverter with an unbuffered output and performs the Boolean function Y = A.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1GU04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04DBVT TI-SN74LVC1GU04DBVT Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74LVC1GU04DBVT TI-SN74LVC1GU04DBVT Datasheet
643Kb / 16P
SINGLE INVERTER GATE
SN74LVC1GU04DBVT TI1-SN74LVC1GU04DBVT Datasheet
1Mb / 30P
Single Inverter Gate
SN74LVC1GU04DBVT TI1-SN74LVC1GU04DBVT Datasheet
1Mb / 41P
Single Inverter Gate
SN74LVC1GU04DBVT TI2-SN74LVC1GU04DBVT Datasheet
2Mb / 49P
SN74LVC1GU04 Single Inverter Gate
REVISED DECEMBER 2017
More results

Similar Description - SN74LVC1GU04DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1GU04 TI-SN74LVC1GU04 Datasheet
535Kb / 14P
SINGLE INVERTER GATE
SN74AHCT1G04-Q1 TI-SN74AHCT1G04-Q1 Datasheet
147Kb / 7P
SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04_07 Datasheet
439Kb / 12P
SINGLE INVERTER GATE
logo
Diodes Incorporated
74LVC1G04_1010 DIODES-74LVC1G04_1010 Datasheet
243Kb / 14P
SINGLE INVERTER GATE
DS32198 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1 Datasheet
362Kb / 12P
SINGLE INVERTER GATE
SN74LVC1G04MDBVREP TI1-SN74LVC1G04MDBVREP Datasheet
495Kb / 14P
SINGLE INVERTER GATE
logo
Unisonic Technologies
U74AHC1G04 UTC-U74AHC1G04_15 Datasheet
198Kb / 5P
SINGLE INVERTER GATE
U74LVC1G04 UTC-U74LVC1G04_15 Datasheet
170Kb / 5P
SINGLE INVERTER GATE
logo
Texas Instruments
SN74LVC1G04-Q1 TI1-SN74LVC1G04-Q1_15 Datasheet
866Kb / 16P
SINGLE INVERTER GATE
SN74LVC1G04 TI1-SN74LVC1G04_18 Datasheet
2Mb / 45P
Single Inverter Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com