Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL16CP754C Datasheet(PDF) 35 Page - Texas Instruments

Part # TL16CP754C
Description  QUAD UARTS WITH 64-BYTE FIFO
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16CP754C Datasheet(HTML) 35 Page - Texas Instruments

Back Button TL16CP754C Datasheet HTML 31Page - Texas Instruments TL16CP754C Datasheet HTML 32Page - Texas Instruments TL16CP754C Datasheet HTML 33Page - Texas Instruments TL16CP754C Datasheet HTML 34Page - Texas Instruments TL16CP754C Datasheet HTML 35Page - Texas Instruments TL16CP754C Datasheet HTML 36Page - Texas Instruments TL16CP754C Datasheet HTML 37Page - Texas Instruments TL16CP754C Datasheet HTML 38Page - Texas Instruments TL16CP754C Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
TL16CP754C, TL16CM754C, TL16C754C
www.ti.com
SLLS644E – DECEMBER 2007 – REVISED MAY 2010
Modem Status Register (MSR)
This 8-bit register provides information about the current state of the control lines from the modem, data set, or
peripheral device to the processor. It also indicates when a control input from the modem changes state.
Table 15 shows modem status register bit settings.
Table 15. Modem Status Register (MSR) Bit Settings(1)
BIT NO.
BIT SETTINGS
0
Indicates that CTS input (or MCR[1] in loopback) has changed state. Cleared on a read.
1
Indicates that DSR input (or MCR[0] in loopback) has changed state. Cleared on a read.
2
Indicates that RI input (or MCR[2] in loopback) has changed state from low to high. Cleared on a read.
3
Indicates that CD input (or MCR[3] in loopback) has changed state. Cleared on a read.
4
This bit is equivalent to MCR[1] during local loop-back mode. It is the complement to the CTS input.
5
This bit is equivalent to MCR[0] during local loop-back mode. It is the complement to the DSR input.
6
This bit is equivalent to MCR[2] during local loop-back mode. It is the complement to the RI input.
7
This bit is equivalent to MCR[3] during local loop-back mode. It is the complement to the CD input.
(1)
The primary inputs RI, CD, CTS, DSR are all active low but their registered equivalents in the MSR and MCR (in loopback) registers are
active high.
Interrupt Enable Register (IER)
The interrupt enable register (IER) enables each of the six types of interrupt, receiver error, RHR interrupt, THR
interrupt, Xoff received, or CTS/RTS change of state from low to high. The INT output signal is activated in
response to interrupt generation. Table 16 shows interrupt enable register bit settings.
Table 16. Interrupt Enable Register (IER) Bit Settings(1)
BIT NO.
BIT SETTINGS
0 = Disable the RHR interrupt
0
1 = Enable the RHR interrupt
0 = Disable the THR interrupt
1
1 = Enable the THR interrupt
0 = Disable the receiver line status interrupt
2
1 = Enable the receiver line status interrupt
0 = Disable the modem status register interrupt
3
1 = Enable the modem status register interrupt
0 = Disable sleep mode
4
1 = Enable sleep mode
0 = Disable the Xoff interrupt
5
1 = Enable the Xoff interrupt
0 = Disable the RTS interrupt
6
1 = Enable the RTS interrupt
0 = Disable the CTS interrupt
7
1 = Enable the CTS interrupt
(1)
IER[7:4] can only be modified if EFR[4] is set, i.e., EFR[4] is a write enable.
Re-enabling IER[1] will cause a new interrupt, if the THR is below the threshold.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TL16CP754C TL16CM754C TL16C754C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com