Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3198 Datasheet(PDF) 21 Page - ON Semiconductor

Part # ADP3198
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3198 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button ADP3198 Datasheet HTML 17Page - ON Semiconductor ADP3198 Datasheet HTML 18Page - ON Semiconductor ADP3198 Datasheet HTML 19Page - ON Semiconductor ADP3198 Datasheet HTML 20Page - ON Semiconductor ADP3198 Datasheet HTML 21Page - ON Semiconductor ADP3198 Datasheet HTML 22Page - ON Semiconductor ADP3198 Datasheet HTML 23Page - ON Semiconductor ADP3198 Datasheet HTML 24Page - ON Semiconductor ADP3198 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ADP3198
Rev. 2 | Page 21 of 31 | www.onsemi.com
The user has the flexibility to choose either RCS or RPH(X).
However, it is best to select RCS equal to 100 kΩ, and then solve
for RPH(X) by rearranging Equation 6. Here, RCSA = RO= 1 mΩ
because this is equal to the design load line.
()
()
Ω
k
140
Ω
k
100
mΩ
0
.
1
Ω
m
4
.
1
=
×
=
×
=
x
PH
CS
CSA
L
x
PH
R
R
R
R
R
Next, use Equation 7 to solve for CCS.
nF
8
2
.
2
Ω
k
100
Ω
m
4
.
1
nH
320
=
×
=
CS
C
It is best to have a dual location for CCS in the layout so that
standard values can be used in parallel to get as close to the
desired value. For best accuracy, CCS should be a 5% or 10%
NPO capacitor. This example uses a 5% combination for CCS
of two 1 nF capacitors in parallel. Recalculating RCS and RPH(X)
using this capacitor combination yields 114 kΩ and 160 kΩ.
The closest standard 1% value for RPH(X) is 158 kΩ.
INDUCTOR DCR TEMPERATURE CORRECTION
When the inductor DCR is used as the sense element and
copper wire is used as the source of the DCR, the user needs to
compensate for temperature changes of the inductor’s winding.
Fortunately, copper has a well known temperature coefficient
(TC) of 0.39%/°C.
If RCS is designed to have an opposite and equal percentage
change in resistance to that of the wire, it cancels the tempera-
ture variation of the inductor DCR. Due to the nonlinear nature
of NTC thermistors, Resistor RCS1 and Resistor RCS2 are needed.
See Figure 11 to linearize the NTC and produce the desired
temperature tracking.
CSSUM
18
CSCOMP
PLACE AS CLOSE AS POSSIBLE
TO NEAREST INDUCTOR
OR LOW-SIDE MOSFET
17
CSREF
16
ADP3198
CCS1
CCS2
RCS1
RTH
RCS2
KEEP THIS PATH
AS SHORT AS POSSIBLE
AND WELL AWAY FROM
SWITCH NODE LINES
TO
SWITCH
NODES
TO
VOUT
SENSE
RPH1
RPH3
RPH2
Figure 11. Temperature Compensation Circuit Values
The following procedure and equations yield values to use for
RCS1, RCS2, and RTH (the thermistor value at 25°C) for a given
RCS value.
1.
Select an NTC based on type and value. Because the value
is unknown, use a thermistor with a value close to RCS. The
NTC should also have an initial tolerance of better than 5%.
2.
Based on the type of NTC, find its relative resistance
value at two temperatures. The temperatures that work
well are 50°C and 90°C. These resistance values are called
A (RTH(50°C))/RTH(25°C)) and B (RTH(90°C))/RTH(25°C)). The relative
value of the NTC is always 1 at 25°C.
3.
Find the relative value of RCS required for each of these
temperatures. This is based on the percentage change
needed, which in this example is initially 0.39%/°C. These
temperatures are called r1 (1/(1 + TC × (T1 − 25°C)))
and r2 (1/(1 + TC × (T2 − 25°C))), where TC = 0.0039 for
copper, T1 = 50°C, and T2 = 90°C. From this, r1 = 0.9112 and
r2 = 0.7978.
4.
Compute the relative values for RCS1, RCS2, and RTH using
()
()
()
()
()
(
)
B
A
r
A
B
r
B
A
r
A
B
r
B
A
r
r
B
A
r
2
1
1
2
2
1
CS2
−
−
×
−
×
−
×
−
×
×
−
×
+
×
−
×
−
×
×
−
=
1
1
1
1
(8)
()
CS2
1
CS2
CS1
r
r
A
r
A
r
−
−
−
−
=
1
1
1
(9)
CS1
CS2
TH
r
r
r
1
1
1
1
−
−
=
(10)
Calculate RTH = rTH × RCS, then select the closest value of
thermistor available. Also, compute a scaling factor (k)
based on the ratio of the actual thermistor value used
relative to the computed one.
()
()
CALCULATED
TH
ACTUAL
TH
R
R
k =
(11)
5.
Calculate values for RCS1 and RCS2 using Equation 12 and 13.
CS1
CS
CS1
r
k
R
R
×
×
=
(12)
()
(
)
(
)
CS2
CS
CS2
r
k
k
R
R
×
+
−
×
=
1
(13)
In this example, RCS is calculated to be 114 kΩ. Look for an
available 100 kΩ thermistor, 0603 size. One such thermistor
is the Vishay NTHS0603N01N1003JR NTC thermistor with
A = 0.3602 and B = 0.09174. From these values, rCS1 = 0.3795,
rCS2 = 0.7195, and rTH = 1.075.
Solving for RTH yields 122.55 kΩ, so 100 kΩ is chosen, making
k = 0.816. Next, find RCS1 and RCS2 to be 35.3 kΩ and 87.9 kΩ.
Finally, choose the closest 1% resistor values, which yields a
choice of 35.7 kΩ and 88.7 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com