Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC14ADE4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC14ADE4
Description  HEX SCHMITT-TRIGGER INVERTERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC14ADE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC14ADE4 Datasheet HTML 1Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 2Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 3Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 4Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 5Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 6Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 7Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 8Page - Texas Instruments SN74LVC14ADE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
SN74LVC14A . . . RGY PACKAGE
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
6A
6Y
5A
5Y
4A
1Y
2A
2Y
3A
3Y
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1Y
2A
2Y
3A
3Y
GND
VCC
6A
6Y
5A
5Y
4A
4Y
SN54LVC14A . . . J OR W PACKAGE
SN74LVC14A . . . D, DB, DGV, NS,
OR PW PACKAGE
(TOP VIEW)
3
2 1 20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
6Y
NC
5A
NC
5Y
2A
NC
2Y
NC
3A
SN54LVC14A . . . FK PACKAGE
(TOP VIEW)
NC - No internal connection
DESCRIPTION/ORDERING INFORMATION
SN54LVC14A, SN74LVC14A
HEX SCHMITT-TRIGGER INVERTERS
SCAS285X – MARCH 1993 – REVISED JULY 2005
•
Operate From 1.65 V to 3.6 V
•
Typical VOHV (Output VOH Undershoot)
> 2 V at VCC = 3.3 V, TA = 25°C
•
Specified From –40
°C to 85°C,
–40
°C to 125°C, and –55°C to 125°C
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
•
Inputs Accept Voltages to 5.5 V
•
ESD Protection Exceeds JESD 22
•
Max t
pd of 6.4 ns at 3.3 V
– 2000-V Human-Body Model (A114-A)
•
Typical V
OLP (Output Ground Bounce)
< 0.8 V at V
CC = 3.3 V, TA = 25°C
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
The SN54LVC14A hex Schmitt-trigger inverter is designed for 2.7-V to 3.6-V VCC operation, and the
SN74LVC14A hex Schmitt-trigger inverter is designed for 1.65-V to 3.6-V VCC operation.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1)
PART NUMBER
MARKING
–40
°C to 85°C
QFN – RGY
Reel of 1000
SN74LVC14ARGYR
LC14A
Tube of 50
SN74LVC14AD
SOIC – D
Reel of 2500
SN74LVC14ADR
LVC14A
Reel of 250
SN74LVC14ADT
SOP – NS
Reel of 2000
SN74LVC14ANSR
LVC14A
–40
°C to 125°C
SSOP – DB
Reel of 2000
SN74LVC14ADBR
LC14A
Tube of 90
SN74LVC14APW
TSSOP – PW
Reel of 2000
SN74LVC14APWR
LC14A
Reel of 250
SN74LVC14APWT
TVSOP – DGV
Reel of 2000
SN74LVC14ADGVR
LC14A
CDIP – J
Tube of 25
SNJ54LVC14AJ
SNJ54LVC14AJ
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54LVC14AW
SNJ54LVC14AW
LCCC – FK
Tube of 55
SNJ54LVC14AFK
SNJ54LVC14AFK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1993–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74LVC14ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC14ADE4 TI-SN74LVC14ADE4 Datasheet
552Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
SN74LVC14ADE4 TI1-SN74LVC14ADE4 Datasheet
1Mb / 35P
Hex Schmitt-Trigger Inverters
More results

Similar Description - SN74LVC14ADE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com