Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3293 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ADP3293
Description  8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3293 Datasheet(HTML) 3 Page - ON Semiconductor

  ADP3293 Datasheet HTML 1Page - ON Semiconductor ADP3293 Datasheet HTML 2Page - ON Semiconductor ADP3293 Datasheet HTML 3Page - ON Semiconductor ADP3293 Datasheet HTML 4Page - ON Semiconductor ADP3293 Datasheet HTML 5Page - ON Semiconductor ADP3293 Datasheet HTML 6Page - ON Semiconductor ADP3293 Datasheet HTML 7Page - ON Semiconductor ADP3293 Datasheet HTML 8Page - ON Semiconductor ADP3293 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ADP3293
http://onsemi.com
3
Figure 2. Application Schematic − 3−Phase Operation
CDLY, 18 nF
CTRDT
560 pF
RTRDT1
69.8 kW
1%
RTRDT2
4.99 kW
1%
RTH1
100 kW,
5% NTC
C6, 0.1 mF
RB
1.21 kW
VIN
12 V
VIN
RTN
L1
370 nH
18 A
D1
1N4148
R1
10 W
C1
C2
C3
100 mF
C4
1 mF
(C3 optional)
2700 mF/16 V/3.3 A x2
SANYO MV−AX SERIES
CIMON
0.1 mF
VTT I/O
C5
1 nF
1 For a description of optional RBW resistors, see the Theory of Operation section.
2 Connect near each inductor.
VCC(BENBE)
VBB(BENBE)
CIN1
CIN2
CIN3
680 mF
x3
C1
C2
C3
4.7 mF
x3
Q1
RT
113 kW
1%
RLIM
7.5 kW
1%
C7
1 nF
RREF
100 kW
1%
CSS
8.2 nF
CB, 120 pF
CA, 120 pF
RA
28 kW
CFB
3.3 nF
40
1
RIMON
4.9 W
1%
R3
1 W
C8
1 nF
RSW11
RSW21
RSW31
D2
1N4148
D3
1N4148
C10
1 mF
C14
1 mF
R5
2.2 W
C13
18 nF
R6
2.2 W
C17
18 nF
C11
27 nF
C15
27 nF
1
23 4
87 6
5
U2
U3
1
23 4
87 6
5
ADP3120A
U4
C19
27 nF
D4
1N4148
C18
1 mF
1
23 4
876
5
ADP3120A
ADP3120A
RPH1, 68.1 kW, 1%
RPH2,
68.1 kW, 1%
RPH3,
68.1 kW, 1%
RCS2,
82.5 kW
RCS1,
35.7 kW
CCS2, 1.8 nF
5% NPO
CCS1, 1.5 nF
5% NPO
VCC
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
PSW
ILIM
RT
RAMP
LLINE
CSREF
CSSUM
CSCOMP
GND
OD
IRFE
U1
ADP3293
FROM
CPU
Q11
IPD09N03LA
Q12
IPD09N03LA
10 W 2
10 W 2
RTH2
100 kW,
5% NTC
Q7
IPD09N03LA
Q9
BSC100N03LS
4.7 mF
x3
C7
C8
C9
L4
220 nH/0.57 mW
Q8
IPD09N03LA
Q5
BSC100N03LS
L3
L2
220 nH/0.57 mW
Q4
IPD09N03LA
IPD09N03LA
C4
C5
C6
4.7 mF
x3
Q3
10 W 2
CE1
BSC100N03LS
CE8
560 mF/4 V/4 V x 8
SANYO SEPC SERIES
5 mW Each
220 nH/
0.57 mW
VCC(CORE)
RTN
VCC(CORE)
0.5 V to 1.6 V
85 A TDC, 100 Apk
22 mF x 18
MLCC IN SOCKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com