Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7467ARQZ-R7 Datasheet(PDF) 56 Page - ON Semiconductor

Part # ADT7467ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7467ARQZ-R7 Datasheet(HTML) 56 Page - ON Semiconductor

Back Button ADT7467ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 56Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 57Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 58Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7467ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
ADT7467
Rev. 3 | Page 56 of 77 | www.onsemi.com
Figure 80 shows the behavior of the PWM output as tempera-
ture varies. As the temperature increases, the fan speed ramps
up. Small drops in temperature do not affect the ramp-up
function because the newly calculated fan speed is higher than
the previous PWM value. Enhanced acoustics mode allows the
PWM output to be made less sensitive to temperature
variations. This is dependent on the ramp rate selected and
programmed into the enhanced acoustics registers.
90
80
70
60
50
40
0
30
20
10
90
80
70
60
50
40
0
30
20
10
PWM DUTY CYCLE (%)
RTEMP (°C)
TIME (s)
Figure 80. Fan Reaction to Temperature Variation
in Enhanced Acoustics Mode
Slower Ramp Rates
The ADT7467 can be programmed for much longer ramp times
by slowing the ramp rates. Each ramp rate can be slowed by a
factor of 4.
PWM1 Configuration Register (0x5C)
<3> SLOW, a setting of 1 slows the ramp rate for PWM1 by 4.
PWM2 Configuration Register (0x5D)
<3> SLOW, a setting of 1 slows the ramp rate for PWM2 by 4.
PWM3 Configuration Register (0x5E)
<3> SLOW, a setting of 1 slows the ramp rate for PWM3 by 4.
The following sections list the ramp-up times when the SLOW
bit is set for each PWM output.
Enhanced Acoustics Register 1 (0x62)
<2:0> ACOU selects the ramp rate for PWM1.
000 = 140 sec
001 = 70.4 sec
010 = 47.2 sec
011 = 28 sec
100 = 17.6 sec
101 = 12 sec
110 = 6.4 sec
111 = 3.2 sec
Enhanced Acoustics Register 2 (0x63)
<2:0> ACOU3 selects the ramp rate for PWM3.
000 = 140 sec
001 = 70.4 sec
010 = 47.2 sec
011 = 28 sec
100 = 17.6 sec
101 = 12 sec
110 = 6.4 sec
111 = 3.2 sec
<6:4> ACOU2 selects the ramp rate for PWM2.
000 = 140 sec
001 = 70.4 sec
010 = 47.2 sec
011 = 28 sec
100 = 17.6 sec
101 = 12 sec
110 = 6.4 sec
111 = 3.2 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com