Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7476AARQZ-R Datasheet(PDF) 60 Page - ON Semiconductor

Part # ADT7476AARQZ-R
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476AARQZ-R Datasheet(HTML) 60 Page - ON Semiconductor

Back Button ADT7476AARQZ-R Datasheet HTML 56Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 57Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 58Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 59Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 60Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 61Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 62Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 63Page - ON Semiconductor ADT7476AARQZ-R Datasheet HTML 64Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
ADT7476A
http://onsemi.com
60
Table 38. XNOR Tree Test Enable
Register Address
R/W (Note 1)
Description
Power−On Default
0x6F
R/W
XNOR tree test enable register.
0x00
[0]
XEN
If the XEN bit is set to 1, the device enters the XNOR
tree test mode. Clearing the bit removes the device from
the XNOR tree test mode.
[7:1]
Reserved
Unused. Do not write to these bits.
1. This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 39. Remote 1 Temperature Offset (Note 1)
Register Address
R/W (Note 1)
Description
Power−On Default
0x70
R/W
Remote 1 temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied
to the Remote Temperature 1 channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the
range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 40. Local Temperature Offset (Note 1)
Register Address
R/W (Note 1)
Description
Power−On Default
0x71
R/W
Local temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied to
the local temperature measurement. Bit 1 of Configuration
Register 5 (0x7C) determines the range and resolution of
this register.
1. This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 41. Remote 2 Temperature Offset (Note 1)
Register Address
R/W (Note 1)
Description
Power−On Default
0x72
R/W
Remote 2 temperature offset.
0x00
[7:0]
R/W
Allows a temperature offset to be automatically applied
to the Remote Temperature 2 channel measurement.
Bit 1 of Configuration Register 5 (0x7C) determines the
range and resolution of this register.
1. This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com