Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7481ARMZ Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Overtemperature Alarm
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7481ARMZ Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7481ARMZ Datasheet HTML 1Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 2Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 3Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 4Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 5Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 6Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 7Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 8Page - ON Semiconductor ADT7481ARMZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADT7481
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 3. Local Temperature Error vs. Temperature
Figure 4. Remote 1 Temperature Error vs.
Temperature
Figure 5. Remote 2 Temperature Error vs.
Temperature
Figure 6. Temperature Error vs. D+/D− Leakage
Resistance
Figure 7. Temperature Error vs. D+/D− Capacitance
Figure 8. Operating Supply Current vs.
Conversion Rate
3.5
–1.0
–50
150
TEMPERATURE (5C)
3.0
2.5
2.0
0.5
050
100
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4S
LOW 4S
1.5
1.0
0
0.5
3.5
–1.0
–50
150
3.0
2.5
2.0
0.5
0
50
100
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
1.5
1.0
0
0.5
HIGH 4S
LOW 4S
3.5
–1.0
–50
150
3.0
2.5
2.0
0.5
0
50
100
TEMPERATURE (5C)
DEV 1
DEV 2
DEV 3
DEV 4
DEV 5
DEV 6
DEV 7
DEV 8
DEV 9
DEV 10
DEV 11
DEV 12
DEV 13
DEV 14
DEV 15
DEV 16
MEAN
HIGH 4S
LOW 4S
1.5
1.0
0
0.5
10
–25
1
100
LEAKAGE RESISTANCE (MΩ)
5
–10
–15
–20
10
D+ TO GND
D+ TO VCC
0
–18
025
CAPACITANCE (nF)
–2
–4
–6
–12
ć14
ć16
510
15
20
DEV 3
DEV 2
DEV 4
1000
0
0.01
100
CONVERTION RATE (Hz)
900
800
700
600
500
400
300
200
100
0.1
1
10
DEV 4BC
DEV 3BC
DEV 2BC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com