Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 1012
Description  WILMAR??Protective Relays - 1000 Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1012 Datasheet(HTML) 1 Page - Tyco Electronics

  1012 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
30
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
• UL file No. E58048
• CSA file No. LR61158
Phase failure relays protect motors, equipment and
personnel from damage or injury caused by open
phase, reversed phase sequence, or low voltage in a
three phase system. Models are available for 50 and
60 Hz with voltages up to 575 volts. Motor control
switchboards are a common application.
Operation:
The contacts of the relay will close only when it
senses normal conditions of three phase power at
the proper phase sequence.
The relay contacts will remain in their normally open
position (de-energized) when voltage with incorrect
phase sequence is applied, one or more phases are
open, or at undervoltage condition.
Phase Failure Relays
PRODUCT SPECIFICATIONS
Sample Part No.
1004X
Type:
1001 = 120 V, 60 Hz, 3 phase,L-L
1007 = 208 V, 60 Hz, 3 phase, L-L
1002 = 230 V, 60 Hz, 3 phase,L-L
1012 = 300 V, 60 Hz, 3 phase, L-L
1013 = 350 V, 60 Hz, 3 phase, L-L
1003 = 380 V, 50 Hz, 3 phase, L-L
1004 = 460 V, 60 Hz, 3 phase,L-L
1005 = 525 V, 60 Hz, 3 phase,L-L
1006 = 575 V, 60 Hz, 3 Phase, L-L
Mounting:
X = Flange
Blank - Stud
Consult factory for additional models and options
PART NUMBER SELECTION
Notes:
1.
Remove screw for access to the undervoltage
adjustment.
2.
Clockwise rotation of the adjustment
potentiometer will raise the drop-out voltage.
PART NUMBER SELECTION
WILMAR™ Protective Relays – 1000 Series
Part Number
Nominal Voltage .............................
Voltage Drop-Out ...........................
Pick-Up to Drop-Out Differential ....
Ambient Operating Temperature ....
Temperature Drift ...........................
Time Delay .....................................
Output Contacts .............................
Contact Ratings ..............................
1000 Series
See Table
75% to 100% of nominal, screwdriver adjustable
3% approx.
-40oC to +70oC
± 1%
See Curve
One set, normally open
10 amp at 28 VDC resistive
10 amp at 230 VAC resistive
47
11/64" DIA.
4 MTG. HOLES
3 13/16
2
3 /4
3
1 /2
TERMINAL STRIPS
#6 - 32 SCREWS
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - 1012

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
1012 PICO-1012 Datasheet
2Mb / 2P
Multi-channel data acquisition
2013 - 2014
logo
Adafruit Industries
1012 ADAFRUIT-1012 Datasheet
79Kb / 2P
USB WiFi (802.11b/g/n) Module: For Raspberry Pi and more
logo
JDS Uniphase Corporatio...
1012-00-0057 JDSU-1012-00-0057 Datasheet
780Kb / 12P
Stealth Digital Analyzer
1012-00-0057 JDSU-1012-00-0057 Datasheet
754Kb / 8P
Stealth Digital Analyzer
logo
List of Unclassifed Man...
1012-0100-R ETC-1012-0100-R Datasheet
29Kb / 1P
Battery Operated Portable
More results

Similar Description - 1012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
20-000 MACOM-20-000 Datasheet
60Kb / 1P
WILMAR??Protective Relays- 20-000 Series
25-000 MACOM-25-000 Datasheet
63Kb / 1P
WILMAR??Protective Relays - 25-000 Series
250X MACOM-250X Datasheet
72Kb / 1P
WILMAR??Protective Relays - 250 Series, Over/Undervoltage
710X MACOM-710X Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
900-3X MACOM-900-3X Datasheet
60Kb / 1P
WILMAR??Protective Relays - 900 Series
1800 MACOM-1800 Datasheet
79Kb / 2P
WILMAR??Protective Relays - 1800 Series
D100X MACOM-D100X Datasheet
58Kb / 1P
WILMAR??Protective Relays-D100X Series, Close Differential
WC1G-120AC MACOM-WC1G-120AC Datasheet
84Kb / 1P
WILMAR??Protective Relays ??WC1G Series - Grounded
WCT1-48DC-5-B MACOM-WCT1-48DC-5-B Datasheet
123Kb / 2P
WILMAR??Protective Relays ??WC1 & WCT1 Series, Overcurrent
WCD MACOM-WCD Datasheet
58Kb / 1P
WILMAR Protective Relays
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com