Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFC233922152 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC233922152
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233922152 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC233922152 Datasheet HTML 1Page - Vishay Siliconix BFC233922152 Datasheet HTML 2Page - Vishay Siliconix BFC233922152 Datasheet HTML 3Page - Vishay Siliconix BFC233922152 Datasheet HTML 4Page - Vishay Siliconix BFC233922152 Datasheet HTML 5Page - Vishay Siliconix BFC233922152 Datasheet HTML 6Page - Vishay Siliconix BFC233922152 Datasheet HTML 7Page - Vishay Siliconix BFC233922152 Datasheet HTML 8Page - Vishay Siliconix BFC233922152 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Document Number: 28138
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 31-Aug-09
305
MKP 339 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
COMPOSITION OF CATALOG NUMBER
BFC2
339
XX XX X
2222 (*)
339
XX XX X
TYPE
PACKAGING
STANDARD DIMENSIONS
C-TOL
CODE NUMBER
339
X2
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 339 20...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 22...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 24...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 26...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 28...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 56...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 58...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
BFC2 339 10...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 12...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 14...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 16...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 18...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 66...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 68...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 5 %
BFC2 339 50...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 52...
Llead length 25.0 mm ± 2.0 mm
BFC2 339 54...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 36...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 38...
Reel: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 76...
Ammopack: pitch 7.5 mm (bent back), H = 16.0 mm; P0 = 15.0 mm
BFC2 339 78...
PACKAGING
ALTERNATIVE LARGER PITCH SIZES
C-TOL
CODE NUMBER
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 20 %
BFC2 339 21...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 23...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 25...
Taped (1)
Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 27...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 10 %
BFC2 339 11...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 13...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 15...
Taped (1)
Reel or ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 17...
Loose in box
Lead length 3.5 mm + 1 mm/- 0.5 mm or 3.5 mm ± 0.3 mm
± 5 %
BFC2 339 51...
Lead length 5.0 mm ± 1.0 mm
BFC2 339 53...
Lead length 25.0 mm ± 2.0 mm
BFC2 339 55...
Taped (1)
Reel: H = 18.5 mm; P0 = 12.7 mm or 15.0 mm
BFC2 339 46...
Ammopack: H = 18.5 mm; P0 = 12.7 mm
BFC2 339 48...
TYPE AND PITCHES
339
X2
7.5 mm
7.5 mm (bent back)
10.0 mm
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
13
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
Note
(1) For detailed tape specification refer to Packaging Information: www.vishay.com/doc?28139 or end of catalog
(*) old ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com