Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBD Datasheet(PDF) 1 Page - Schurter Inc.

Part # FMBD
Description  2-stage filter for 3-phase systems with neutral conductor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

FMBD Datasheet(HTML) 1 Page - Schurter Inc.

  FMBD Datasheet HTML 1Page - Schurter Inc. FMBD Datasheet HTML 2Page - Schurter Inc. FMBD Datasheet HTML 3Page - Schurter Inc. FMBD Datasheet HTML 4Page - Schurter Inc. FMBD Datasheet HTML 5Page - Schurter Inc. FMBD Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image

3-Phase Filters
FMBD NEO
www.schurter.com/pg80
EMC Products
2-stage filter for 3-phase systems with neutral conductor
Description
-Terminalsforthreephases,neutralconductorandground
-Veryhighsymmetricalandasymmetricalattenuationloss
-Inthefrequencyrangefrom10kHzupto300MHz
Standards
-IEC60939
-UL1283,Edition5,CSA22.2No.8-M1986,@Ta75°C
Approvals
-VDELicenseNumber:pending
-ULLicenseNumber:E72928
Applications
-Voltagerating520VACforworldwideacceptance
-Protectionagainstinterferencevoltagefromthemains
-Especiallydesignedforindustrialapplicationssuchas:FrequencyCon-
verters,StepperMotorDrives,UPS-Systems,Inverters
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,Distributor-Stock-Check
Technical Data
RatedCurrent
8-200A
Ratedvoltage
300/520VAC,50/60Hz
Approvalfor
8-200A@50(75)°C/300/520VAC;
50/60Hz
OverloadCurrent
1.5xIr
DielectricStrengthfor520VAC 2.25kVDCbetweenL-L
1.7kVDCbetweenL-N
2.75kVDCbetweenL-PE
2.75kVDCbetweenN-PE
Testvoltage2sec
NumberofFilterStages
2
Weight
1.1-8.6kg
Material:Housing
Metal
SealingCompound
UL94V-0
Mounting
Screw-onmountingonchassis
Terminal
ScrewClamp
OperatingTemperature[°C]
-25°Cto100°C
ClimaticCategory
25/100/21acc.toIEC60068-1
DegreeofProtection
IP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
MTBF
>200'000hacc.toMIL-HB-217F


Similar Part No. - FMBD

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBD4148 FCI-FMBD4148 Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148A FCI-FMBD4148A Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CA FCI-FMBD4148CA Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148CC FCI-FMBD4148CC Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
FMBD4148SE FCI-FMBD4148SE Datasheet
176Kb / 2P
350mW Switching Diode Peak Repetitive Peak reverse voltage VRRM
More results

Similar Description - FMBD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FMAD SCHURTER-FMAD Datasheet
714Kb / 5P
1-stage filter for 3-phase systems with neutral conductor
FMBC SCHURTER-FMBC Datasheet
610Kb / 4P
2-stage filter for 3-phase systems
FMW4-65 SCHURTER-FMW4-65 Datasheet
327Kb / 2P
Compact 1-stage filter for 3-phase systems with neutral conductor
FMW4-81 SCHURTER-FMW4-81 Datasheet
441Kb / 2P
Compact 2-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL Datasheet
350Kb / 3P
1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMADCP SCHURTER-FMADCP Datasheet
442Kb / 4P
1-stage filter for 3-phase systems with neutral conductor
FMADRAIL SCHURTER-FMADRAIL_V01 Datasheet
355Kb / 3P
1-stage filter for 3-phase systems with neutral conductor, DIN rail mounting
FMAD SCHURTER-FMAD_V01 Datasheet
545Kb / 6P
1-stage filter for 3-phase systems with neutral conductor
FMBCNEO SCHURTER-FMBCNEO Datasheet
763Kb / 8P
2-stage filter for 3-phase systems
FMW4-81 SCHURTER-FMW4-81_V01 Datasheet
278Kb / 3P
Compact 2-stage filter for 3-phase systems with neutral conductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com