Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBR2012T2R2M Datasheet(PDF) 13 Page - Taiyo Yuden (U.S.A.), Inc

Part # LBR2012T2R2M
Description  WOUND CHIP INDUCTORS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LBR2012T2R2M Datasheet(HTML) 13 Page - Taiyo Yuden (U.S.A.), Inc

Back Button LBR2012T2R2M Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 16Page - Taiyo Yuden (U.S.A.), Inc LBR2012T2R2M Datasheet HTML 17Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
55
1
wound03_e-01
■ PART NUMBERS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
●LBM2016 TYPE
●LEM2520 TYPE
Ordering code
EHS(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Q
(min.)
Self-resonant
frequency
〔MHz〕min.
Resistance
DC
〔Ω〕
(±30%)
Rated current
〔mA〕
(max.)
Measuring
frequency
〔MHz〕
LB M2016TR12J
RoHS
0.12
±5%
30
600
0.13
610
25.2
LB M2016TR15J
RoHS
0.15
550
0.15
570
LB M2016TR18J
RoHS
0.18
500
0.15
560
LB M2016TR22J
RoHS
0.22
450
0.20
520
LB M2016TR27J
RoHS
0.27
425
0.21
510
LB M2016TR33J
RoHS
0.33
400
0.21
490
LB M2016TR39J
RoHS
0.39
375
0.26
440
LB M2016TR47J
RoHS
0.47
350
0.26
430
LB M2016TR56J
RoHS
0.56
300
0.29
410
LB M2016TR68J
RoHS
0.68
270
0.32
400
LB M2016TR82J
RoHS
0.82
250
0.34
390
LB M2016T1R0J
RoHS
1.0
220
0.38
385
7.96
LB M2016T1R2J
RoHS
1.2
180
0.41
370
LB M2016T1R5J
RoHS
1.5
135
0.47
350
LB M2016T1R8J
RoHS
1.8
100
0.48
345
LB M2016T2R2J
RoHS
2.2
75
0.54
340
LB M2016T2R7J
RoHS
2.7
55
0.59
310
LB M2016T3R3J
RoHS
3.3
48
0.68
290
LB M2016T3R9J
RoHS
3.9
43
0.74
275
LB M2016T4R7J
RoHS
4.7
40
0.78
270
LB M2016T5R6J
RoHS
5.6
25
36
0.88
255
LB M2016T6R8J
RoHS
6.8
33
0.97
240
LB M2016T8R2J
RoHS
8.2
30
1.10
225
LB M2016T100J
RoHS
10
27
1.20
215
2.52
LB M2016T120J
RoHS
12
23
1.4
200
LB M2016T150J
RoHS
15
20
1.5
190
LB M2016T180J
RoHS
18
18
2.5
150
LB M2016T220J
RoHS
22
17
2.8
140
LB M2016T270J
RoHS
27
16
3.2
130
LB M2016T330J
RoHS
33
15
3.6
125
LB M2016T390J
RoHS
39
20
14
3.9
120
LB M2016T470J
RoHS
47
13
4.1
115
LB M2016T560J
RoHS
56
12
5.9
95
LB M2016T680J
RoHS
68
11
7.0
90
LB M2016T820J
RoHS
82
10
7.7
85
LB M2016T101J
RoHS
100
15
9.0
8.0
80
0.796
Ordering code
EHS(Environmental
Hazardous
Substances)
Inductance
〔μH〕
Inductance
Tolerance
Q
(min.)
Self-resonant
frequency
〔MHz〕min.
Resistance
DC
〔Ω〕
(±30%)
Rated current
〔mA〕
(max.)
Measuring
frequency
〔MHz〕
LEM 2520 TR12K
RoHS
0.12
±10%
30
600
0.37
520
25.2
LEM 2520 TR15K
RoHS
0.15
550
0.42
480
LEM 2520 TR18K
RoHS
0.18
500
0.46
460
LEM 2520 TR22K
RoHS
0.22
450
0.52
430
LEM 2520 TR27K
RoHS
0.27
425
0.56
420
LEM 2520 TR33K
RoHS
0.33
400
0.60
400
LEM 2520 TR39K
RoHS
0.39
375
0.65
375
LEM 2520 TR47K
RoHS
0.47
350
0.68
350
LEM 2520 TR56K
RoHS
0.56
300
0.75
325
LEM 2520 TR68K
RoHS
0.68
270
0.85
300
LEM 2520 TR82K
RoHS
0.82
250
1.00
260
LEM 2520 T1R0J
RoHS
1.0
±5%
220
1.10
245
7.96
LEM 2520 T1R2J
RoHS
1.2
180
1.20
230
LEM 2520 T1R5J
RoHS
1.5
135
1.30
220
LEM 2520 T1R8J
RoHS
1.8
100
1.45
210
LEM 2520 T2R2J
RoHS
2.2
75
1.55
200
LEM 2520 T2R7J
RoHS
2.7
55
1.70
195
LEM 2520 T3R3J
RoHS
3.3
48
1.90
185
LEM 2520 T3R9J
RoHS
3.9
43
2.10
180
LEM 2520 T4R7J
RoHS
4.7
40
2.30
175
LEM 2520 T5R6J
RoHS
5.6
25
36
2.50
170
LEM 2520 T6R8J
RoHS
6.8
33
2.70
165
LEM 2520 T8R2J
RoHS
8.2
30
3.05
160
LEM 2520 T100J
RoHS
10
27
3.50
155
2.52
LEM 2520 T120J
RoHS
12
23
3.80
150
LEM 2520 T150J
RoHS
15
20
4.40
140
LEM 2520 T180J
RoHS
18
18
4.80
130
LEM 2520 T220J
RoHS
22
17
5.50
125
LEM 2520 T270J
RoHS
27
16
6.30
115
LEM 2520 T330J
RoHS
33
15
7.10
110
LEM 2520 T390J
RoHS
39
20
14
9.50
90
LEM 2520 T470J
RoHS
47
13
11.10
80
LEM 2520 T560J
RoHS
56
12
12.10
75
LEM 2520 T680J
RoHS
68
11
16.60
70
LEM 2520 T820J
RoHS
82
10
19.00
65
LEM 2520 T101J
RoHS
100
15
9
21.00
60
0.796



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com